Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 24 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 24 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 20Page - STMicroelectronics FDA803U Datasheet HTML 21Page - STMicroelectronics FDA803U Datasheet HTML 22Page - STMicroelectronics FDA803U Datasheet HTML 23Page - STMicroelectronics FDA803U Datasheet HTML 24Page - STMicroelectronics FDA803U Datasheet HTML 25Page - STMicroelectronics FDA803U Datasheet HTML 26Page - STMicroelectronics FDA803U Datasheet HTML 27Page - STMicroelectronics FDA803U Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
Finite state machine
FDA803U
24/76
DS12497 Rev 2
6.1
Device state and address selection
Through Enable pins configuration it is possible to select different I2C addresses (up to 8) or
to configure the device in 4 different legacy ('no I2C' modes) according to table 6.
In this way, up to 8 devices can be easily used in the same application with a single I2C bus.
Moreover it is possible to work without I2C configuring the voltage range and switching
mode to be used.
When a valid combination of Enable 1/2/3/4 is recognized the device turns on all the internal
supply voltages and outputs are biased to Vcc/2.
The internal I2C registers are pre-settled in "default condition", waiting for the I2C next
instruction.
The return in the Standby condition, (all enable pins at 0), will cause the reset of the
amplifier. As defined in the finite state machine, The same event will happen if PLL is not
locked, I2S is missing or not correct, Vcc for system reset.
FDA803U can work only in I2C slave mode.
Table 6. Operation mode
Enable 1 Enable 2
Enable 3
Enable 4
Stand By
0
0
0
0
Amplifier ON address 1 = ‘1110000’
0
1
0
0
Amplifier ON address 2 = ‘1110001’
1
1
0
0
Amplifier ON address 3 = ‘1110010’
0
0
1
0
Amplifier ON address 4 = ‘1110011’
0
1
1
0
Amplifier ON address 5 = ‘1110100’
0
1
0
1
Amplifier ON address 6 = ‘1110101’
1
1
0
1
Amplifier ON address 7 = ‘1110110’
0
0
1
1
Amplifier ON address 8 = ‘1110111’
0
1
1
1
Legacy mode: low voltage mode; in-phase
1
1
1
0
Reserved
1
1
1
1
Legacy mode: standard voltage mode; in-phase
1
0
0
0
Reserved
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com