Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 14 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 14 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 10Page - STMicroelectronics FDA803U Datasheet HTML 11Page - STMicroelectronics FDA803U Datasheet HTML 12Page - STMicroelectronics FDA803U Datasheet HTML 13Page - STMicroelectronics FDA803U Datasheet HTML 14Page - STMicroelectronics FDA803U Datasheet HTML 15Page - STMicroelectronics FDA803U Datasheet HTML 16Page - STMicroelectronics FDA803U Datasheet HTML 17Page - STMicroelectronics FDA803U Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Electrical specifications
FDA803U
14/76
DS12497 Rev 2
Audio performances
Po
Output power(5)
THD = 10 %
28
30
-
W
THD = 1 %
22
25
-
W
Max power; Vcc = 15.2 V(6)
45
50
-
W
RL = 2 Ω THD = 10%(6)
50
55
-
W
RL = 2 Ω THD = 1%(6)
40
45
-
W
RL = 2 Ω, max power
76
85
-
W
Po
Output power(5)
THD = 10% Vcc = 5 V
3.8
-
-
W
THD = 10% Vcc = 3.3 V
1.6
-
-
W
PSRR
Power supply rejection
ratio
f = 1 kHz; Vr = 1Vpk;
70
80
-
-
THD
Total harmonic distortion PO = 1 W, f = 1 kHz
-
0.01
0.05
%
Gain
Standard gain
at Amplitude = -10 dBFs
5.5
5.9
6.3
Vp
Low gain(7)
3.3
3.6
3.9
Vp
DR
Dynamic range
A-wtd and brickwall 20 kHz filter
102
107.5
-
dB
SNR
Signal to noise ratio
A-wtd and brickwall 20 kHz filter
107
112
-
dB
Eout1
Output noise
A-wtd and brickwall 20 kHz filter used, no
output signal;
-35
55
μV
Eout2
Output noise
CCIR 468 filtered
-
84
130
μV
ΔVOITU
ITU Pop filter output
voltage
Standby to Mute and Mute to Standby
transition
-7.5
-
+7.5
mV
Mute
VMth(8)
Mute pin voltage
threshold
Attenuation <0.5 dB, and digital mute
disabled
2.3
-
-
V
Attenuation ≥60 dB, and digital mute
disabled
--
1
IM
Mute pin source current -
9
11
13
μA
VMcl
Mute pin internal clamp
voltage
-
5.5
6
6.5
V
Ifeed
Peak current flowing in
the feedback pins
Standby condition, all feedbacks forced to
Vcc, output floating
-
110
130
μA
I2C bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
I2C pins low voltage
-
-
-
0.8
V
VIH
I2C pins high voltage
-
1.3
-
-
V
VOLMAX
Maximum I2C data pin
low voltage when
current Isink is sinked
Isink = 4 mA
-
0.12
0.5
V
ILIMAX
Maximum input leakage
current
V = 3.6 V
-
-
1
μA
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com