Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 33 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 33 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 29Page - STMicroelectronics FDA803U Datasheet HTML 30Page - STMicroelectronics FDA803U Datasheet HTML 31Page - STMicroelectronics FDA803U Datasheet HTML 32Page - STMicroelectronics FDA803U Datasheet HTML 33Page - STMicroelectronics FDA803U Datasheet HTML 34Page - STMicroelectronics FDA803U Datasheet HTML 35Page - STMicroelectronics FDA803U Datasheet HTML 36Page - STMicroelectronics FDA803U Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
DS12497 Rev 2
33/76
FDA803U
Power limiter function
75
9
Power limiter function
An adjustable power limiting function has been integrated to protect "small speakers"
applications: thanks to this feature, it's possible to limit by configuration the max power
delivered to the load.
Taking advantage of digital input architecture, the output power limitation is obtained through
the management of the input signal. It's important to underline that the limitation is
implemented independently of the supply voltage value.
The intervention thresholds, configurable through I2C are listed in the table below.
The limitation is gradual in order to have no impact on the acoustic performance. Depending
on the signal amplitude and the desired attenuation, different gains are applied to the signal
itself.
Here is an example of the response obtained with a limitation corresponding to 80% of the
full-scale: the blue line represents the signal when the power limiter is not employed, while
the red line is the result of the applied attenuation.
Table 8. Power limiter function
I2C IB2[3-0]
Full-Scale Voltage limit
Output Voltage limit [V]
Standard gain
setting
Low gain setting
0000
100% (Disabled)
19 (1)
1. 19 V is only a reference level, coherently with "standard gain" value in Section 4.3, to deduce the power
limiter thresholds. The reference level is unreachable due to the maximum supply voltage range, equal to
18 V.
11.4
1011
80%
15.2
9.12
1010
70%
13.3
7.98
1001
60%
11.4
6.84
1000
50%
9.5
5.7
0111
45%
8.55
5.13
0110
40%
7.6
4.56
0101
35%
6.65
3.99
0100
30%
5.7
3.42
0011
25%
4.75
2.85
0010
20%
3.8
2.28
0001
15%
2.85
1.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com