Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 35 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 35 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 31Page - STMicroelectronics FDA803U Datasheet HTML 32Page - STMicroelectronics FDA803U Datasheet HTML 33Page - STMicroelectronics FDA803U Datasheet HTML 34Page - STMicroelectronics FDA803U Datasheet HTML 35Page - STMicroelectronics FDA803U Datasheet HTML 36Page - STMicroelectronics FDA803U Datasheet HTML 37Page - STMicroelectronics FDA803U Datasheet HTML 38Page - STMicroelectronics FDA803U Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
DS12497 Rev 2
35/76
FDA803U
Diagnostic
75
10
Diagnostic
The FDA amplifiers family provides diagnostic function for detecting several possible faults
conditions.
Any warning information will be stored in the I2C interface and kept until the first I2C bus
reading operation. Some fault events can be sent to CDDiag pin as trigger for an interrupt
process.
Here reported the faults detectable taking advantage of FDA803U's diagnostic features:
Short to VCC/GND;
Short or open load (with DC diagnostic);
Open load during play;
Under/over voltage events;
Chip over temperature;
Digital input offset;
Output voltage offset;
Output current offset;
Output clipping;
Over current.
The fault events are managed with different actions depending on their severity.
It is important, for a correct diagnostic result collection, to clean diagnosis related I2C
register and the DB6, to clean eventual Start Analog Mute flag, through a read operation.
10.1
DC diagnostic
The DC diagnostic is a routine performed to detect the load connection status.
FDA amplifiers family provides a highly reliable and noise immune load diagnostic
algorithm, in order to prevent false detections induced by supply voltage variations or
mechanical stress on the speaker (e.g. car door closing). The algorithm includes the internal
generation of a properly calibrated and pop-free test signal.
For an extensive description of the DC diagnostic feature, please refer to the DC Diagnostic
user manual.
10.1.1
Diagnostic control
DC diagnostic can be run setting via I2C "Start Diag DC".
Diagnostic signal is generated and test is performed only when all the following conditions
are true:
1.
Channel is in MUTE state.
2.
DC test enable bit is set from '0' to '1'.
3.
The channel has power stage ON
4.
Device is NOT kept in mute by means of the dedicated hardware pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com