Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 57 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 57 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 53Page - STMicroelectronics FDA803U Datasheet HTML 54Page - STMicroelectronics FDA803U Datasheet HTML 55Page - STMicroelectronics FDA803U Datasheet HTML 56Page - STMicroelectronics FDA803U Datasheet HTML 57Page - STMicroelectronics FDA803U Datasheet HTML 58Page - STMicroelectronics FDA803U Datasheet HTML 59Page - STMicroelectronics FDA803U Datasheet HTML 60Page - STMicroelectronics FDA803U Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
DS12497 Rev 2
57/76
FDA803U
I2C bus interface
75
13.1
Writing procedure
There are two possible procedures:
1.
without increment: the I bit is set to 0 and the register is addressed by the subaddress.
Only this register is written by the data following the subaddress byte.
2.
with increment: the I bit is set to 1 and the first register write is the one addressed by
subaddress. The registers are written from this address up to stop bit or the reaching of
last register.
13.2
Reading procedure
The reading procedure is made up only by the device address (sent by master) and the data
(sent by slave) as reported in Figure 70 (a). In particular when a reading procedure is
performed the first register read is the last addressed in a previous access to I2C peripheral.
Hence, to read a particular register also a sort of write action (a write interrupted after the
sub-address is sent) is needed to specify which register has to be read. Figure 70 (b) shows
the complete procedure to read a specific register where:
the master performs a write action by sending just the device address and the
subaddress; the transmission must be interrupted with the stop condition when the
subaddress is sent.
now, the read procedure can be performed: the master starts a new communication
and sends the device address; then the slave (FDA803U) will respond by sending the
data bits.
the read communication is ended by the master which sends a stop condition preceded
by a not-acknowledge.
Instead, performing a start immediately after the stop condition could be possible for
generating the repeated start condition (Sr) which also keeps busy the I2C bus until the stop
is reached (Figure 70 (c)).
Figure 70. Reading procedure
There are two possible reading procedures:
1.
without auto-increment (Figure 71 (a)) if the "I" bit of the last I2C writing procedure has
been set to 0: in this case only the register addressed by the sub-address sent in the
previous writing procedure is read;
2.
with auto-increment (Figure 71 (b)) if the "I" bit of the last I2C write procedure has been
set to 1: in this case the first register read is the one addressed by sub-address sent in
the previous writing procedure. Only the registers from this address up to the stop bit
are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com