Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 66 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 66 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 62Page - STMicroelectronics FDA803U Datasheet HTML 63Page - STMicroelectronics FDA803U Datasheet HTML 64Page - STMicroelectronics FDA803U Datasheet HTML 65Page - STMicroelectronics FDA803U Datasheet HTML 66Page - STMicroelectronics FDA803U Datasheet HTML 67Page - STMicroelectronics FDA803U Datasheet HTML 68Page - STMicroelectronics FDA803U Datasheet HTML 69Page - STMicroelectronics FDA803U Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
I2C register
FDA803U
66/76
DS12497 Rev 2
Table 21. IB8-ADDR: “I0001000” - CHANNEL CONTROLS
Data bit
Default value
Definition
D7-D6
11
Reserved
D5
0
0 - Channel in TRISTATE (PWM OFF)
1 - Channel with PWM ON
D4
0
0 - Channel DC Diag disable
1 - Channel DC Diag start
D3-D1
000
I2Stest pin configuration:
D3-D1
Function
000
High impedance configuration
001
Reserved
010
Reserved
011
Reserved
100
Reserved
101
Output: PWM synchronization signal
110
Reserved
111
Reserved
D0
0
0 - Channel in MUTE
1 - Channel in PLAY
Table 22. IB9-ADDR: “I0001001”
Data bit
Default value
Definition
D7-D5
000
Reserved
D4
0
0 - watch-dog for word select managing
1 - no watch-dog for word select managing
D3-D0
1000
Reserved(1)
1. In case this register is written, [D3] must be set to 1 to preserve its default value.
Table 23. IB10-ADDR: “I0001010”
Data bit
Default value
Definition
D7
0
Short load impedance threshold (DC Diagnostic):
0 - 0.75 Ω
1 - 0.5 Ω
D6
0
Open load impedance threshold (DC Diagnostic & Open load in play
detector):
0 - 25 Ω
1 - 15 Ω
D5
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com