Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 37 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 37 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 33Page - STMicroelectronics FDA803U Datasheet HTML 34Page - STMicroelectronics FDA803U Datasheet HTML 35Page - STMicroelectronics FDA803U Datasheet HTML 36Page - STMicroelectronics FDA803U Datasheet HTML 37Page - STMicroelectronics FDA803U Datasheet HTML 38Page - STMicroelectronics FDA803U Datasheet HTML 39Page - STMicroelectronics FDA803U Datasheet HTML 40Page - STMicroelectronics FDA803U Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
DS12497 Rev 2
37/76
FDA803U
Diagnostic
75
10.2
Short to Vcc / GND diagnostic
The short to Vcc/GND diagnostic performs the detection of:
"Hard" and "soft" short to Vcc
"Hard" and "soft" short to Gnd
Timing
Short to Vcc/Gnd diagnostic cycle duration is 90 ms(*).
If a short to Vcc/Gnd is not stable during diagnostic cycle the channel will remain in "Diag.
Vcc/Gnd" state until a fault or non-fault condition is stable for at least 90 ms(*).
This special function avoids wrong detections in case of disturbs caused by mechanical
stresses applied to the speaker (e.g. car door closing).
The short to Vcc/Gnd diagnostic starts automatically following the logic shown in Figure 38.
Results communication and I2C control
After performing Short to Vcc/Gnd diagnostic for 90 ms(*) with a stable fault/non-fault
condition, there are two different scenarios:
1.
Fault present: the device is communicating the fault condition setting the I2C bit DB2[3]
(in case of short to Vcc) or DB2[2] (in case of short to Gnd). The amplifier is remaining
in "Diag. Vcc/Gnd" state until the short is removed
2.
Fault not present: Short to Vcc/Gnd diagnostic ends and the state machine can evolve
following the I2C commands.
Note:
(*) Time when default I2C parameters settings are used
10.3
Diagnostic time-line diagrams
Figure 47. DC diagnostic before turn on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com