Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 5 Page - STMicroelectronics

  HVLED007 Datasheet HTML 1Page - STMicroelectronics HVLED007 Datasheet HTML 2Page - STMicroelectronics HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DS12866 Rev 1
5/33
HVLED007
Pin connections
33
7GD
Gate driver output. The totem pole output stage is able to drive power MOSFETs
and IGBTs with a peak current of 600 mA source and 800 mA sink. The high-level
voltage of this pin is clamped at about 12 V to avoid excessive gate voltages in
case the pin is supplied with a high Vcc.
8VCC
Supply voltage of both the signal part of the IC and the gate driver. The supply
voltage upper limit is extended to 22.5 V min. to provide more headroom for supply
voltage changes. Sometimes a small bypass capacitor (0.1 μF typ.) to ground (pin
#6) might be useful to get a clean bias voltage for the signal part of the IC.
Table 4. Pin functions (continued)
N.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com