Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 22 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 18Page - STMicroelectronics HVLED007 Datasheet HTML 19Page - STMicroelectronics HVLED007 Datasheet HTML 20Page - STMicroelectronics HVLED007 Datasheet HTML 21Page - STMicroelectronics HVLED007 Datasheet HTML 22Page - STMicroelectronics HVLED007 Datasheet HTML 23Page - STMicroelectronics HVLED007 Datasheet HTML 24Page - STMicroelectronics HVLED007 Datasheet HTML 25Page - STMicroelectronics HVLED007 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
HVLED007
22/33
DS12866 Rev 1
Equation 15
where the last equality holds when Ct is selected as per proposed criterion.
Whatever the design choice is, when designing the flyback transformer make sure that its
saturation current Isat meets the condition:
Equation 16
4.8
Zero current detection and triggering block (pin ZCD); starter
The Zero Current Detection (ZCD) and Triggering blocks switch on the external MOSFET if
a negative-going edge falling below 200 mV is applied to the ZCD pin. To do so, the
triggering block must be previously armed by a positive-going edge exceeding 300 mV. The
voltage at the pin is bottom limited by a clamp that holds the voltage on the pin close to zero
during the ON-time of the external power switch.
This arm/trigger operation is typically used to detect transformer demagnetization for TM
operation, i.e. close to the boundary between the discontinuous and the continuous
conduction mode. An intentional delay TR is added to the demagnetization detection instant
to make the turn-on instant as close as possible to the point where the drain ringing is at a
minimum (valley switching).
The signal for the ZCD input is obtained from the transformer's auxiliary winding, typically
used also to power the HVLED007. The triggering block is blanked for at least 1 μs after
MOSFET's turn-off to prevent any negative-going edge that follows leakage inductance
demagnetization from triggering the ZCD circuit erroneously (see "Section 4.9: Overload
and short-circuit protection (OCP function)").
The interface between the pin and the auxiliary winding is a resistor divider. Its resistance
ratio is properly chosen (see "Section 4.10: Overvoltage protection (OVP function)") and the
upper resistance value Rzcd is such that the current sourced by the pin during the ON-time
of the power switch is within the rated capability of the internal clamp (2.5 mA):
Equation 17
where Npri and Naux are the primary and auxiliary turns number respectively.
At converter power-up, as the IC exits from UVLO, no signal is coming from the ZCD pin,
thus an internal oscillator ("Start Timer"), which is active as long as the gate driver (pin GD)
is low, sets GD high as its timeout elapses and enables the converter to start up. Switching
cycles is initiated by the internal starter until the output voltage and, then, the voltage
Rs
Vcsmax_min
Ip pk_max
-------------------------- 1
2
Rt Ct
------------
Lp Pin_max
Kv_min VR
2
----------------------------
–



1.14
Ip pk_max
----------------------
Isat
Vcsmax_max
Rs
---------------------------- = 1.4
Rs
---------
Rzcd 400
N aux
N pri
------------- Vinpk_max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com