Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 13Page - STMicroelectronics HVLED007 Datasheet HTML 14Page - STMicroelectronics HVLED007 Datasheet HTML 15Page - STMicroelectronics HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics HVLED007 Datasheet HTML 18Page - STMicroelectronics HVLED007 Datasheet HTML 19Page - STMicroelectronics HVLED007 Datasheet HTML 20Page - STMicroelectronics HVLED007 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DS12866 Rev 1
17/33
HVLED007
Application information
33
With the HVLED007, since Rt is fixed inside the control IC (Rt = 8.3 k) the design objective
is to properly select the value of Ct. This is done looking basically at two interrelated factors:
the amplitude of the ripple voltage
VCt (t, θ) across Ct at the switching frequency and the
Total Harmonic Distortion (THD) of the input current. The amplitude of
VCt (t, θ) affects also
the maximum available signal on the current sense input and, then, the selection of the
sense resistor Rs. Please refer to "Section 4.7: Current sensing input (pin CS). Sense
resistor (Rs) selection" for more information concerning this point.
The ripple voltage, generated by the charge and discharge of Ct through IMULT (θ) and Rt,
can be considered essentially triangular and symmetrically superimposed on the slowly
varying (at 2 fline) DC value VCt (θ). Its peak-to-peak amplitude is given in equation #4
contained in Table 7. As discussed in [Reference 1], this ripple causes distortion of the
current reference and a reduction of the programmed peak current. Both can be significant if
the ripple amplitude is not adequately low.
As a rule of thumb, the maximum peak-to-peak value of
VCt (t, θ) should not exceed 10%
of the maximum amplitude of VCt (θ). Both amplitudes are at a maximum at the maximum
input power (Pin = Pin_max) and minimum input voltage (Kv = Kv_min).
Combining equations #3 and #4 of Table 7, this condition can be expressed as:
Equation 10
With this choice the programmed peak current Vcsref (θ) - Vcsref (θ) /2 is less than 5%
lower than the value calculated with equations #1 and #2 in Table 8, which neglect the
contribution of the ripple (see "Section 4.7: Current sensing input (pin CS). Sense resistor
(Rs) selection" for more details). The distortion caused by the ripple does not exceed 2.5%
and the resulting time constant Rt Ct is typically in the range of 4 to 5 times the maximum
switching period T(θ)max. Experience shows that this value is close to the value that
minimizes the THD of the input current for line frequencies in the range of 47 to 63 Hz,
which is the range typically specified for applications running from most of the power lines
worldwide.
4.5
Control input for isolated feedback and optocoupler driving
(pin COMP)
Pin COMP is to be driven by the phototransistor (emitter-grounded) of an optocoupler to
modulate its voltage by modulating the current sourced by the pin. Figure 8 shows the
output characteristic of the pin.
Vcs
ref
Vcsref
-------------------- =
4
Rt Ct
------------
Lp Pin_max
Kv_min VR
2
---------------------------- sin
 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com