Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 4 Page - STMicroelectronics

  HVLED007 Datasheet HTML 1Page - STMicroelectronics HVLED007 Datasheet HTML 2Page - STMicroelectronics HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin connections
HVLED007
4/33
DS12866 Rev 1
2
Pin connections
Figure 2. Pin connection (top view)
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Max. thermal resistance, junction-to-ambient
150
°C/W
Table 4. Pin functions
N.
Name
Function
1CT
Input current shaper (ICS) circuit. A capacitor connected from this pin to ground
(pin #6) is alternately charged and discharged internally, and the voltage
developed across this capacitor is used as the reference for the current loop.
2
COMP
Control input for PWM regulation. The pin is driven by the phototransistor (emitter-
grounded) of an optocoupler to modulate its voltage by modulating the current
sunk. A capacitor placed between the pin and ground (pin #6), as close to the IC
as possible to reduce noise pick-up, is useful to get a clean control voltage. The
dynamics of the pin are in the 2.5 to 5.5 V range. A voltage lower than 2.5 V
activates burst-mode operation. The voltage at the pin is bottom-clamped at about
2.2 V.
3
MULT
Main input to the multiplier. This pin is connected to the rectified mains voltage via
a resistor divider. A capacitor placed between the pin and ground (pin #6), as close
to the IC as possible is useful to reduce noise pick-up.
4CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed
through a resistor, the resulting voltage is applied to this pin and compared with the
internal reference generated by the ICS circuit, to determine MOSFET's turn-off.
5
ZCD
Transformer demagnetization sensing input for transition-mode (quasi-resonant)
operation. A negative-going edge triggers MOSFET's turn-on. A voltage exceeding
5.5 V during MOSFET's OFF-time forces an internal discharge of the COMP pin
(#2) below the burst-mode threshold. As a consequence, the IC is temporarily
stopped (overvoltage protection). This function is strobed and digitally filtered to
increase noise immunity.
6
GND
Ground. Current return for both the signal part of the IC and the gate driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com