Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED007 Datasheet HTML 1Page - STMicroelectronics HVLED007 Datasheet HTML 2Page - STMicroelectronics HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
January 2019
DS12866 Rev 1
1/33
HVLED007
Transition mode PFC controller for flyback converters
Datasheet - Production data
Features
 Transition-mode (quasi-resonant) control of
flyback PFC pre-regulators
 Proprietary input current shaper for minimum
THD of line current
 Control input for isolated feedback and
optocoupler driving
 Output overvoltage protection
 Overload and short-circuit protection
 Low (≤ 60 μA) start-up current and low (≤ 4 ma)
quiescent current
 Digital leading-edge blanking on current sense
 -600/+800 mA totem pole gate driver with
UVLO pull-down and voltage clamp
 SO8 package
Applications
Flyback PFC converters for:
 AC-DC LED drivers for domestic, commercial
and industrial lighting
 Street lighting
 EN61000-3-2 compliant SMPS
Description
The HVLED007 is a current-mode PFC controller
specific for isolated high power factor, flyback
converters operated in transition mode (aka
quasi-resonant operation). Targeting both indoor
and outdoor solid-state lighting applications, it
provides extended temperature range operation
down to -40 °C with guaranteed electrical
specification.
The main feature of this IC is a special circuit
(Input Current Shaper, ICS), that enables High-PF
quasi-resonant flyback converters to draw a
theoretically sinusoidal input current from the
power line, unlike the traditional control.
In practice, with little effort it is possible to achieve
a total distortion of the input current (THD) lower
than 10% at full load and lower than 20% at 30%
load over the entire input voltage range.
The IC is provided with a control input intended
for being driven by the phototransistor of an
optocoupler to close a secondary-regulated
isolated control loop. However, with the addition
of a simple external circuitry it can be used to
close a primary-regulated voltage loop as well.
The HVLED007 includes protection features to
handle overload, short-circuit and overvoltage
conditions.
The totem-pole output stage, capable of 600 mA
source and 800 mA sink current, is suitable for big
MOSFET drives which, combined with the other
features, makes the device an excellent low-cost
solution for EN61000-3-2 compliant SMPS up to
100 W.
Table 1. Device summary
Order code
Package
Packaging
HVLED007
SO8
Tube
HVLED007TR
Tape and Reel
www.st.com


Similar Part No. - HVLED007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results

Similar Description - HVLED007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com