Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 18 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 14Page - STMicroelectronics HVLED007 Datasheet HTML 15Page - STMicroelectronics HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics HVLED007 Datasheet HTML 18Page - STMicroelectronics HVLED007 Datasheet HTML 19Page - STMicroelectronics HVLED007 Datasheet HTML 20Page - STMicroelectronics HVLED007 Datasheet HTML 21Page - STMicroelectronics HVLED007 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Application information
HVLED007
18/33
DS12866 Rev 1
Figure 8. Output characteristic of pin COMP and significant levels
As long as the current ICOMP sourced by pin COMP does not exceed 50 μA, the voltage
VCOMP on pin COMP stays at its upper saturation voltage (6.2 V). For higher ICOMP values
VCOMP falls linearly with a slope corresponding to a resistance RCOMP of about 12 k until it
reaches the lower end of the regulation range (2.5 V). Values of VCOMP higher than 5.5 V
are interpreted as an "out of regulation condition" (see "Section 4.9: Overload and short-
circuit protection (OCP function)"). VCOMP is bottom-clamped at 2.2 V to prevent a too large
dead-zone under the lower end of the regulation range.
A capacitor placed between the pin and ground, as close to the IC as possible, may be used
to either set a pole in the output-to-control transfer function or, in case frequency
compensation is done entirely on the secondary side, just reduce noise pick-up. In the latter
case it is recommended that the additional pole set in the transfer function by the filter
capacitor along with the dynamic resistance of pin COMP (RCOMP) is placed at least at a
decade above the crossover frequency of the overall open-loop transfer function.
It is worth noting that pin COMP can be driven also by a TS431 to close a control loop in
non-isolated applications or in isolated applications with primary sensing regulation.
Additionally, forcing pin COMP below 2.45 V by an external switch results in disabling the
converter.
 Burst-mode operation. When VCOMP falls below VCOMP_BM (= 2.45 V) a comparator
triggers the so-called "static OVP" function, thus forcing the system to stop and initiating
burst-mode operation. While operating in this mode, the HVLED007 provides a series of
a few switching cycles spaced out by idle periods where the external power switch is in
OFF-state. This ensures system's ability to regulate the output voltage under no load
conditions.
More in detail, the HVLED007 stops switching as VCOMP falls below VCOMP_BM; the Start
Timer (see "Section 4.8: Zero current detection and triggering block (pin ZCD); starter") is
disabled too. While in the idle state, the converter being stopped, no energy is delivered
to the output, so the output voltage starts decaying. The feedback circuit reacts to this
droop and, as a consequence, VCOMP increases; as it exceeds VCOMP_BM by 50 mV, the
Start Timer is re-enabled and the IC restarts switching either by a negative-going edge on
the ZCD pin (if the idle time is short enough and the drain voltage is still ringing, see
"Section 4.8: Zero current detection and triggering block (pin ZCD); starter") or by the
Start Timer if no edge is detected on the ZCD pin. If the load level has not changed, after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com