Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 16 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 12Page - STMicroelectronics HVLED007 Datasheet HTML 13Page - STMicroelectronics HVLED007 Datasheet HTML 14Page - STMicroelectronics HVLED007 Datasheet HTML 15Page - STMicroelectronics HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics HVLED007 Datasheet HTML 18Page - STMicroelectronics HVLED007 Datasheet HTML 19Page - STMicroelectronics HVLED007 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Application information
HVLED007
16/33
DS12866 Rev 1
As to the dynamic properties of a HVLED007-based Hi-PF QR flyback converter, the ICS
circuit is essentially transparent: it only affects the DC gain of the feedback loop. This is
intuitive if one recalls that one of the basic assumptions was that the time constant
associated to the ICS circuit were << 1/(2 fline) and that in Hi-PF converters the crossover
frequency of the loop is typically much lower than fline.
Assuming 100% efficiency and that the Hi-PF QR flyback converter powers one or more
downstream switching regulators that drive the LED strings, the control-to-output transfer
function is:
Equation 8
4.4
Shaping capacitor (Ct) selection (pin CT)
As previously mentioned, one fundamental assumption for proper operation of the novel
control method implemented in the HVLED007 is that the time constant Rt Ct associated to
the ICS meets the constraints:
Equation 9
The left-hand side inequality ensures that the voltage across the shaping capacitor Ct is
essentially a DC level in any given switching cycle; the right-hand inequality ensures that
this DC level is able to change quickly enough to closely follow the ideal reference given by
(Equation 6) and depicted in Figure 7.
7
Secondary rms current
8
Secondary DC current
9
Secondary AC current
10
Low-frequency secondary current
11
Low-frequency output voltage ripple
Eq. #
Parameter
Expression
Isrms = Iout 2
64
9
 K
v
--------------
+
Isdc = Iout
Isac = Iout 1
64
9
K
v
-------------
+
Io
 = 2 I
out sin
2  = I
out (1 - cos 2
V
o pk
–
= Iout
1
22
 f
line
 C
out
--------------------------------------- =
I out
4
 f
line Cout
-------------------------------
G s
 =
Iout
V c
-------- 1
sCout
-------------= 1
2
----
N pri
N sec
------------- Kv


2
KM KP
V out
Rs
------------ 1
sCout
-------------
T
 << R
t Ct << 1/ 2 f line




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com