Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 3 Page - STMicroelectronics

  HVLED007 Datasheet HTML 1Page - STMicroelectronics HVLED007 Datasheet HTML 2Page - STMicroelectronics HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DS12866 Rev 1
3/33
HVLED007
Block diagram
33
1
Block diagram
Figure 1. Block diagram
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
8
IC supply voltage (Icc ≤ 20 mA)
-0.3 to VZ(1)
V
IGD
7
Output totem pole peak current
Self-limited
A
VCT
1
Voltage range
-0.3 to VCTsat.hi(1)
V
ICT
1
Maximum sink current (VCT VCTsat.hi
(1))
2.5
mA
VCOMP
2
Voltage range
VCOMPsat.lo(1) to
VCOMPsat.hi(1)
V
ICOMP.SOU
2
Maximum source current (VCOMP
VCOMPsat.lo(1))
2mA
ICOMP.SNK
2
Maximum sink current (VCOMP
VCOMPsat.hi(1))
0.8
mA
VMULT
3
Voltage range
-0.3 to 8
V
VCS
4
Voltage range
-0.3 to 8
V
VZCD
5
Voltage range
VZCDL(1) to 8
V
IZCD
5
Maximum source current (VZCD  VZCDL(1))-3
mA
Ptot
Power dissipation @Tamb = 50°
0.65
W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
1. See Section 3: Electrical characteristics for parameter definition and value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com