Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics HVLED007 Datasheet HTML 18Page - STMicroelectronics HVLED007 Datasheet HTML 19Page - STMicroelectronics HVLED007 Datasheet HTML 20Page - STMicroelectronics HVLED007 Datasheet HTML 21Page - STMicroelectronics HVLED007 Datasheet HTML 22Page - STMicroelectronics HVLED007 Datasheet HTML 23Page - STMicroelectronics HVLED007 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application information
HVLED007
20/33
DS12866 Rev 1
on the primary side. If the power demanded by the load requires a larger primary current this
results in a no longer regulated output voltage and in a gradual reduction of the power
throughput of the converter as the output voltage gets lower.
Figure 9. Effect of ripple on Ct on current sense signal: a) within linear dynamics,
close to clamp level; b) signal slightly exceeding clamp level; c) signal exceeding
clamp level, with OCP activation
The value of Ippk max is selected so as to ensure with adequate margin that the full load
power can be delivered to the output at the minimum specified input voltage, i.e. it is larger
than the value provided by equation #2 in Table 8 with Pin = Pin_max and Kv = Kv_min.
However, when determining the value of Rs, the effects of the ripple voltage across the
shaping capacitor Ct might need taking into account. In fact, as shown in the key waveforms
at switching frequency time scale in Figure 6, the turn-off of the power switch occurs on the
valleys of the ripple. So, the exact turn-off condition is:
Equation 12
VCt
VCt t,
VCt
VCT_OL
Vcsmax
VCt
Vcsref
Vcsref
Vcsref
Vcsref
Vcsref
VCt
VCt t,
VCt
VCT_OL
Vcsmax
Vcsref
Vcsref
VCt
VCt t,
VCt
Vcsref
VCt
VCt t,
VCt
VCT_OL
Vcsmax
Vcsref
Vcsref
VCt
VCt t,
VCt
Vcsref
Vcs T ON
 
= Vcs
ref
 Vcs
ref
/2
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com