Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 24 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 20Page - STMicroelectronics HVLED007 Datasheet HTML 21Page - STMicroelectronics HVLED007 Datasheet HTML 22Page - STMicroelectronics HVLED007 Datasheet HTML 23Page - STMicroelectronics HVLED007 Datasheet HTML 24Page - STMicroelectronics HVLED007 Datasheet HTML 25Page - STMicroelectronics HVLED007 Datasheet HTML 26Page - STMicroelectronics HVLED007 Datasheet HTML 27Page - STMicroelectronics HVLED007 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Application information
HVLED007
24/33
DS12866 Rev 1
Figure 10. Functional schematic of the overload and short-circuit protection function
4.10
Overvoltage protection (OVP function)
The purpose of this function is to temporarily stop the operation of the converter in case the
output voltage overshoots at start-up or as a result of a sudden load drop, exceeding a
preset value.
 Detection. An overvoltage (OV) in the output voltage is sensed through the pin ZCD,
which is connected via a resistor divider to the auxiliary winding in the transformer that
serves both as zero current detection (to trigger a new switching cycle) and self-supply
voltage generator (to power the IC). In fact, during the OFF-time of the external power
MOSFET the voltage across the auxiliary winding tracks the output voltage. Tracking is
acceptably good for a protection except for a short period after turn-off because strongly
affected by the spike caused by the leakage inductance of the transformer and the ringing
that follows its demagnetization. To prevent this noise from falsely triggering the OVP
function, the detection is done by a comparator referred to a voltage reference VZCD_OVP
(= 5.5 V) on a filtered ZCD signal and the output of this comparator is blanked by the same
signal MSK (see Figure 10) used in the OCP function.
If this voltage exceeds VZCD_OVP, a comparator is triggered and a potential overvoltage
condition is assumed. In fact, to reduce sensitivity to noise and distinguish a real failure
from a disturbance (e.g. induced during ESD tests), the OVP comparator must be
triggered in two consecutive switching cycles in order for the corrective actions to take
place.
More in detail: the first time the OV comparator is triggered a warning flag is set; if in the
following switching cycle the OV comparator is triggered again, then the OV condition is
confirmed, the corrective action takes place and the warning flag is reset; otherwise no
action follows and the warning flag is reset.
 Corrective actions. When an OV condition is detected as specified above, an internal
MOSFET switch is turned on, thus connecting a resistor from the pin COMP to GND. The
resistor value Rdis, which matches RCOMP (see Table 5: Electrical characteristics), is such
that the COMP voltage is definitely taken below the burst-mode threshold. The MOSFET
switch is turned off as the COMP voltage falls below the burst-mode threshold.
The discharge switch is kept in the ON-state also when the IC is in UVLO (provided its
VCOMP_OL
VCT_OL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com