Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics HVLED007 Datasheet HTML 10Page - STMicroelectronics HVLED007 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DS12866 Rev 1
7/33
HVLED007
Electrical characteristics
33
RCOMP
Equivalent dynamic
resistance
VCOMPlo < VCOMP < VCOMP_OL
812
19
k
Multiplier input
IMULT
Input bias current
VMULT = 0 to 4 V
-
-
-1
μA
VMULT
Linear operation range
-
0 to 3
-
-
V
Vcs
Output max. slope
VMULT = 0 to Vcsmax
VCOMP = VCOMPsat.hi
1
1.1
-
V/V
VMULT
--
KM
Gain
VMULT = 1 V, VCOMP = 5.25 V
0.375
0.4
0.45
1/V
Current sense comparator
ICS
Input bias current
VCS = 0 to VCSmax
-
-
-1
μA
td(H-L)
Delay to output
-
-
240
-
ns
tLEB
Leading edge blanking
After turn-on of GD
VMULT = 1 V
100
200
300
ns
VCSmax
Current sense reference
clamp
VCOMP = VCOMPsat.hi
Tj = 25°C
1.25
1.3
1.35
V
-
1.2
-
1.4
Zero current detector
VZCDA
Arming voltage
Positive-going edge(3)
0.2
0.3
0.4
V
VZCDT
Triggering voltage
Negative-going edge(3)
0.15
0.2
0.25
V
VZCDL
Lower clamp voltage
IZCD = -50 μA to -2.5 mA
-0.15
0
0.1
V
VZCDmax
Maximum operating
voltage
-7
-
-
V
IZCDb
Input bias current
VZCD = 1 V to VZCDmax
VCOMP<VCOMPsat.hi, VCT<VCT_OL
--
1
μA
IZCDsrc
Source current capability
VZCD = VZCDL
-
-
2.5
mA
TMASK
Masking time (after turn-
off of GD)
VCOMP < VCOMP_OL
0.6
1
1.5
μs
VCOMP VCOMP_OL
1.8
3
4.5
RDS(on)
Grounding switch ON-
state resistance
-
-
300
-
Output overvoltage
VZCD_OVP
OVP comparator
threshold
Positive-going
5.3
5.5
5.7
V
Starter
tSTART
Start Timer period
-
170
280
440
μs
Gate driver
VOL
Output low voltage
Isink = 100 mA
-
0.6
1.2
V
VOH
Output high voltage
Isource = 5 mA
9.5
10.3
-
V
Isrcpk
Peak source current
-
-0.6
-
-
A
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com