Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 9Page - STMicroelectronics HVLED007 Datasheet HTML 10Page - STMicroelectronics HVLED007 Datasheet HTML 11Page - STMicroelectronics HVLED007 Datasheet HTML 12Page - STMicroelectronics HVLED007 Datasheet HTML 13Page - STMicroelectronics HVLED007 Datasheet HTML 14Page - STMicroelectronics HVLED007 Datasheet HTML 15Page - STMicroelectronics HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DS12866 Rev 1
13/33
HVLED007
Application information
33
In order for (Equation 6) to meet the control objective (Equation 2) it is necessary that Vc is
constant along a line half-cycle. This is a normal design target in any Hi-PF converter, thus
the ICS circuit actually meets the control objective. The resulting shape of Vcsref (θ) is
shown in Equation 7 for different values of Kv.
It is worth noting that in (Equation 7) the parameter Kp is selected by the user (see
"Section 4.12: Suggested step-by-step design procedure of a Hi-PF QR flyback converter
based on the HVLED007"), Vc corresponds to VCOMP - 2.5 V and the quantity kI Rt to the
multiplier gain KM listed among the parameters in "Section 3: Electrical characteristics".
The voltage Vcsref (θ) is clamped at a value Vcsmax that determines the maximum amplitude
of the signal on the current sense input CS. This value, listed among the parameters in
"Section 3: Electrical characteristics", is accurate because it determines the maximum
power deliverable by the converter and is used to design the saturation current of the
flyback transformer (see "Section 4.7: Current sensing input (pin CS). Sense resistor (Rs)
selection").
Also the voltage across Ct is internally clamped (at VZf > Vcsmax) to prevent a too large dead
zone between the external voltage generated across Ct by the shaping circuit and Vcsref (θ)
internally clamped at Vcsmax. For further details about the operating principle and the effect
of non-idealities please refer to Reference 1.
Figure 7. Shape of the current reference Vcsref(θ) (5) at different input voltages (i.e.
Kv values)
4.3
Operation of a Hi-PF QR flyback converter based on the
HVLED007
The ICS circuit changes the profile of the peak current envelope along a line half-cycle (as
shown in Figure 7) and this slightly changes the timing and the electrical quantities in the
converter in steady-state operation as compared to those of a traditionally controlled Hi-PF
QR flyback converter [Reference 2]. There are differences in the peak and rms currents but



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com