Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 14 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 10Page - STMicroelectronics HVLED007 Datasheet HTML 11Page - STMicroelectronics HVLED007 Datasheet HTML 12Page - STMicroelectronics HVLED007 Datasheet HTML 13Page - STMicroelectronics HVLED007 Datasheet HTML 14Page - STMicroelectronics HVLED007 Datasheet HTML 15Page - STMicroelectronics HVLED007 Datasheet HTML 16Page - STMicroelectronics HVLED007 Datasheet HTML 17Page - STMicroelectronics HVLED007 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Application information
HVLED007
14/33
DS12866 Rev 1
no difference in the voltage stresses apart from those caused by parasitics and resulting
from the different peak currents.
The timing, the control and electrical quantities of a Hi-PF QR flyback converter based on
the HVLED007, needed for a proper design, are summarized in Table 6, 7 and 8
respectively. The symbolism used has been defined already or is obvious.
Their derivation is based on some simplifying assumptions (in addition to T(θ) << Rt Ct <<
1/(2 fline)):
 the voltage drop across the EMI filter, the input bridge and the power switch in the ON-
state are negligible as compared to the instantaneous line voltage;
 transformer's efficiency is 100% and its windings are perfectly coupled;
 ZCD circuit's delay TR is negligible, so the converter is assumed to work exactly at the
boundary between the continuous and the discontinuous current conduction mode.
Please refer to [Reference 1] for more information on their derivation. It is worth noting that:
 Switching frequency along a line half-cycle is at a minimum on the peak of the sinusoid (θ
= π/2) and rises along the edges to reach the maximum value at the zero-crossings of the
line voltage (θ = 0 and θ = π/2).
 The absolute minimum of the switching frequency occurs on the peak of the sinusoid at
the maximum input power (Pin = Pin_max) and at the minimum input voltage (Kv = Kv_min
= Vinpk_min / VR).
 The ON-time of the power switch behaves exactly the other way round: it is at a maximum
on the peak of the sinusoid, goes to a minimum at the zero-crossings and increases with
Pin.
 All peak and rms currents have a maximum at the maximum input power (Pin = Pin_max)
and the minimum input voltage (Kv = Kv_min).
Table 6. Timing quantities in a HVLED007-based Hi-PF QR flyback converter
Eq. #
Parameter
Expression
1
Power switch ON-time
2
Switching period
3
Switching frequency
4
Duty cycle
TON
 = 4 Lp
V R
2
------- Pin
1 + Kv sin
Kv
2
-----------------------------
T
 = 4 Lp
V R
2
------- Pin
1 + Kv sin
Kv
-----------------------------


2
fsw
 = 1
T

------------ = 1
4
---
V R
2
Lp Pin
-----------------
Kv
1 + Kv sin
-----------------------------


2
D
 =
TON

T

--------------------- =
1
1 + Kv sin
-----------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com