Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 28 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 24Page - STMicroelectronics HVLED007 Datasheet HTML 25Page - STMicroelectronics HVLED007 Datasheet HTML 26Page - STMicroelectronics HVLED007 Datasheet HTML 27Page - STMicroelectronics HVLED007 Datasheet HTML 28Page - STMicroelectronics HVLED007 Datasheet HTML 29Page - STMicroelectronics HVLED007 Datasheet HTML 30Page - STMicroelectronics HVLED007 Datasheet HTML 31Page - STMicroelectronics HVLED007 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application information
HVLED007
28/33
DS12866 Rev 1
1.
Calculate peak voltages corresponding to (Vin_min - Vin_max) and relevant Kv values
(Kv_min - Kv_max). Calculate estimated maximum input power Pin_max from max. load
and estimated efficiency:
2.
Calculate operating conditions at Vin = Vin_min and Pin = Pin_max with the aid of the
equations in Table 8, using previously calculated values of Kv_min and Pin_max.
3.
Calculate transformer's primary-to-secondary turns ratio, based on the desired VR:
4.
Calculate required primary inductance from equation #3 in Table 6 solved for Lp and
with sin θ = 1, Kv = Kv_min and Pin = Pin_max:
5.
Calculate first-cut value of shaping capacitor from (Equation 10) with sin θ = 1. This
value might be subject to post-design changes to optimize THD of input current or
adjust maximum deliverable power.
6.
Pick maximum primary peak current Ippk_max; select sense resistor Rs using either
(Equation 14) or (Equation 15) and calculate required transformer saturation current
Isat from (Equation 16).
7.
Design transformer with any commonly used procedure using data calculated in steps
2 to 6.
8.
Calculate worst-case voltage stress on power switch and secondary rectifier from spec
data and actual primary-to-secondary turns ratio.
9.
Select primary MOSFET and secondary rectifier using information on their current and
voltage stress derived in steps 3 and 7.
10. Use either output voltage ripple or AC current rating, whichever gives the higher
capacitance value, to select output capacitor Cout.
11. Calculate resistor divider connected to ZCD pin of HVLED007: determine Rzcd from
(Equation 17), then calculate Rovp with (Equation 18).
12. Determine multiplier bias gain Kp; pick a value larger than the minimum provided by
(Equation 11).:
check that the resulting amplitude of VMULTpk at Vin = Vin_max does not exceed 3 V; if it does,
Kv_min needs increasing (i.e. VR needs lowering) and design should restart from step 1.
Individual values of RmultH and RmultL may be selected based on power consumption
considerations.
13. Design clamp circuit that limits leakage inductance spikes with any commonly used
procedure with data calculated in step 2.
14. Design feedback circuit and its frequency compensation according to relevant
specifications (not included in Table 9 for simplicity).
Pin_max =
Vout Iout_max
--------------------------------
n =
N pri
N sec
-----------=
VR
V out + VF
-------------------------
Lp = 1
4
---
VR
2
f sw_min Pin_max
--------------------------------------
Kv_min
1+Kv_min
-----------------------


2
Kp
1.231
V inpk_min (1+Kv_min
----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com