Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED007 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 2Page - STMicroelectronics HVLED007 Datasheet HTML 3Page - STMicroelectronics HVLED007 Datasheet HTML 4Page - STMicroelectronics HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics HVLED007 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical characteristics
HVLED007
6/33
DS12866 Rev 1
3
Electrical characteristics
(Tj = -40 to 125°C, Vcc=12, Co = 1 nF; unless otherwise specified.)
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
Operating range
After turn-on
10.5
-
22.5
V
VCCon
Turn-on threshold
Positive-going
11.7
12.5
13.3
V
VCCoff
Turn-off threshold
Negative-going
9.5
10
10.5
V
Hys
Hysteresis
-
2.2
-
2.8
V
VZ
Zener voltage
Icc = 20 mA
22.5
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, Vcc = 11 V
-
30
60
μA
Iq
Quiescent current
After turn-on, VMULT = 1 V,
VCOMP = VCOMPsat.hi, VO = VOL
-
2.5
3.9
mA
During burst mode
-
1.7
2.5
mA
ICC
Operating supply current
@ 70 kHz, D = 50%,
VMULT = 1V, VCOMP = VCOMPsat.hi
-
3.5
5.5
mA
Input current shaper
VCT
Operating range
-
0
-
1.5
V
VCTsat.hi
Upper clamp voltage
(1)
1.5
2
2.5
V
RT
Internal discharge resistor -
-
8.3
-
k
VCT_OL
Overload detection
threshold
Positive-going(1)
1.25
1.4
1.6
V
PWM control input
VCOMPsat.hi
Upper saturation voltage
-
5.8
6.2
6.7
V
VCOMP_OL
Overload detection
threshold
Positive-going
5.25
5.5
5.7
V
VCOMP_OL
Comparator hysteresis
Negative-going
-
100
-
mV
VCOMPlo
Lower end of regulation
range
(2)
2.35
2.5
2.65
V
VCOMP_BM
Burst-mode threshold
Negative-going(2)
2.3
2.45
2.6
V
VCOMP_BM
Comparator hysteresis
Positive-going
-
50
-
mV
VCOMPsat.lo
Lower clamp voltage
ICOMP = -700 μA
2.05
2.2
2.35
V
ICOMPsat
Source current
VCOMP = VCOMPsat.hi
-50
-
μA
ICOMPmax
Maximum source current
VCOMP = VCOMP_BM
-
350
600
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com