Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 61Page - STMicroelectronics STM32W108HB Datasheet HTML 62Page - STMicroelectronics STM32W108HB Datasheet HTML 63Page - STMicroelectronics STM32W108HB Datasheet HTML 64Page - STMicroelectronics STM32W108HB Datasheet HTML 65Page - STMicroelectronics STM32W108HB Datasheet HTML 66Page - STMicroelectronics STM32W108HB Datasheet HTML 67Page - STMicroelectronics STM32W108HB Datasheet HTML 68Page - STMicroelectronics STM32W108HB Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
65/278
Sleep timer compare A low register (SLPTMR_CMPAL)
Address:
0x4000 601C
Reset value:
0x0000 FFFF
Reserved, must be kept at reset value
CMPAL[15:0]: Sleep timer compare A low value
Sleep timer compare B high register (SLPTMR_CMPBH)
Address:
0x4000 6020
Reset value:
0x0000 FFFF
Reserved, must be kept at reset value
CMPBH[15:0]: Sleep timer compare B high value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CMPAL[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
Writing to this register puts the value in the hold register until a write to the SLPTMR_CMPAH
register. The value can only be changed when the sleep timer is disabled (EN bit set to ‘0’ in
the SLPTMR_CR register). If the value is changed when the sleep timer is enabled (EN bit
set to ‘1’ in the SLPTMR_CR register) a spurious interrupt may be generated. Therefore it is
recommended to disable interrupts before changing this register.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CMPBH[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
Sleep timer compare value - writing to this register updates the SLPTMR_CMPBH register
directly and updates the SLPTMR_CMPBL register from the hold register. This value can
only be changed when the EN (bit 11 of SLPTMR_CR register) is set to ‘0’. If the value is
changed when the EN bit is set to ‘1’, a spurious interrupt may be generated. Therefore it is
recommended to disable interrupts before changing this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com