Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 78Page - STMicroelectronics STM32W108HB Datasheet HTML 79Page - STMicroelectronics STM32W108HB Datasheet HTML 80Page - STMicroelectronics STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
82/278
Doc ID 16252 Rev 14
Power wakeup filter register (PWR_WAKEFILTR)
Address:
0x4000 BC1C
Reset value:
0x0000 000F
Reserved, must be kept at reset value
IRQD_WAKE_FILTER: Enables filter on GPIO wakeup source IRQD
SC2_WAKE_FILTER: Enables filter on GPIO wakeup source SC2 (PA2)
SC1_WAKE_FILTER: Enables filter on GPIO wakeup source SC1 (PB2)
GPIO_WAKE_FILTER: Enables filter on GPIO wakeup sources enabled by the
PWR_WAKEPAR, PWR_WAKEPBR, and PWR_WAKEPCR registers.
Power management (PWR) register map
Table 11 gives the PWR register map and reset values.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
IRQD
SC2
SC1
GPIO
PIN
rw
rw
rw
rw
Bits [31:4]
Bit 3
Bit 2
Bit 1
Bit 0
Table 11.
PWR register map and reset values
Offset
Register
0x0004
PWR_DSLEEPCR1
Reset value
0
0x0008-
0x0010
0x0014
PWR_DSLEEPCR2
Reset value
0
0x0018
PWR_VREGCR
1V8TRIM
[2:0]
1V2TRIM
[2:0]
Reset value
01
0
0
01
1
1
0x001C
0x0020
PWR_WAKECR1
Reset value
1
0000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com