Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 72Page - STMicroelectronics STM32W108HB Datasheet HTML 73Page - STMicroelectronics STM32W108HB Datasheet HTML 74Page - STMicroelectronics STM32W108HB Datasheet HTML 75Page - STMicroelectronics STM32W108HB Datasheet HTML 76Page - STMicroelectronics STM32W108HB Datasheet HTML 77Page - STMicroelectronics STM32W108HB Datasheet HTML 78Page - STMicroelectronics STM32W108HB Datasheet HTML 79Page - STMicroelectronics STM32W108HB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
76/278
Doc ID 16252 Rev 14
Power wakeup event control register 2 (PWR_WAKECR2)
Address:
0x4000 0024
Reset value:
0x0000 0000
Reserved, must be kept at reset value
COREWAKE: Power-up controlled by debug port activity. Write to this bit to wake core from
deep sleep 0.
Reserved, must be kept at reset value
Power wakeup event status register (PWR_WAKESR)
Address:
0x4000 0028
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CORE
WAKE
Reserved
w
Bits [31:10]
Bit 5
Bits [4:0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CRYSP
WRUP
REQ
CPWR
RUP
REQ
CORE
WRAP
COMPB
COMPA
IRQD
SC2
SC1
GPIO
PIN
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:10] Reserved, must be kept at reset value
Bit 9 CSYSPWRUPREQ: Indicates that a Debug Access Port (DAP) access to the SYS registers
triggered the wake event.
0: Wakeup on CSYSPWRUPREQ event not detected
1: Wakeup on CSYSPWRUPREQ event detected
Bit 8 CPWRRUPREQ: Wake indicates that a DAP access to the DBG registers triggered the wake
event.
0: Wakeup on CPWRRUPREQ event not detected
1: Wakeup on CPWRRUPREQ event detected
Bit 7 CORE: Wakeup on debug port activity
0: Wakeup on CORE event not detected
1: Wakeup on CORE event detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com