Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 69Page - STMicroelectronics STM32W108HB Datasheet HTML 70Page - STMicroelectronics STM32W108HB Datasheet HTML 71Page - STMicroelectronics STM32W108HB Datasheet HTML 72Page - STMicroelectronics STM32W108HB Datasheet HTML 73Page - STMicroelectronics STM32W108HB Datasheet HTML 74Page - STMicroelectronics STM32W108HB Datasheet HTML 75Page - STMicroelectronics STM32W108HB Datasheet HTML 76Page - STMicroelectronics STM32W108HB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
73/278
Clearing both CSYSPWRUPREQ and CDBGPWRUPREQ allows the STM32W108 to
achieve a true deep sleep state (deep sleep 1 or 2). Both of these signals also operate as
wake sources, so that when a debugger connects to the STM32W108 and begins accessing
the chip, the STM32W108 automatically comes out of deep sleep. When the debugger
initiates access while the STM32W108 is in deep sleep, the SWJ intelligently holds off the
debugger for a brief period of time until the STM32W108 is properly powered and ready.
For more information regarding the SWJ and the interaction of debuggers with deep sleep,
contact ST support for Application Notes and ARM® CoreSight documentation.
6.5.5
Power management registers
Power deep sleep control register 1 (PWR_DSLEEPCR1)
Address:
0x4000 0004
Reset value:
0x0000 0000
Reserved, must be kept at reset value
LVFREEZE: LV freeze state
Reserved, must be kept at reset value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LVFREEZE
Reserved
rw
Bits [31:2]
Bit 1
1: Enables LV freeze output states
0: Disables GPIO freeze
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com