Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 93Page - STMicroelectronics STM32W108HB Datasheet HTML 94Page - STMicroelectronics STM32W108HB Datasheet HTML 95Page - STMicroelectronics STM32W108HB Datasheet HTML 96Page - STMicroelectronics STM32W108HB Datasheet HTML 97Page - STMicroelectronics STM32W108HB Datasheet HTML 98Page - STMicroelectronics STM32W108HB Datasheet HTML 99Page - STMicroelectronics STM32W108HB Datasheet HTML 100Page - STMicroelectronics STM32W108HB Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
97/278
8.5.2
Port x configuration register (High) (GPIOx_CRH)
Address offset: 0xB004 (GPIOA_CRH), 0xB404 (GPIOB_CRH) and 0xB804
(GPIOC_CRH)
Reset value:
0x0000 4444
Reserved, must be kept at reset value
CNFMODE7[3:0]: GPIO configuration control
CNFMODE6[3:0]: GPIO configuration control and mode
CNFMODE5[3:0]: GPIO configuration control and mode
CNFMODE4[3:0]: GPIO configuration control and mode
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CNFMODE7[3:0]
CNFMODE6[3:0]
CNFMODE5[3:0]
CNFMODE4[3:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:12]
0x0: Analog, input or output (GPIOx_IDR always reads 1)
0x1: Output, push-pull (GPIOx_ODR controls the output)
0x4: Input, floating
0x5: Output, open-drain (GPIOx_ODR controls the output)
0x8: Input, pulled up or down (selected by GPIOx_ODR: 0 = pull-down, 1 = pull-up)
0x9: Alternate output, push-pull (peripheral controls the output)
0xB: Alternate output SPI SCLK, push-pull (only for SPI master mode SCLK)
0xD: Alternate output, open-drain (peripheral controls the output)
Bits [11:8]
See CNFMODE7 above
Bits [7:4]
See CNFMODE7 above
Bits [3:0]
See CNFMODE7 above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com