Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108HB Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics STM32W108HB Datasheet HTML 87Page - STMicroelectronics STM32W108HB Datasheet HTML 88Page - STMicroelectronics STM32W108HB Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Integrated voltage regulator
Doc ID 16252 Rev 14
85/278
7
Integrated voltage regulator
The STM32W108 integrates two low dropout regulators to provide 1.8 V and 1.25 V power
supplies. The 1V8 regulator supplies the analog and memories, and the 1V25 regulator
supplies the digital core. In deep sleep the voltage regulators are disabled.
When enabled, the 1V8 regulator steps down the pads supply voltage (VDD_PADS) from a
nominal 3.0 V to 1.8 V. The regulator output pin (VREG_OUT) must be decoupled externally
with a suitable capacitor. VREG_OUT should be connected to the 1.8 V supply pins VDDA,
VDD_RF, VDD_VCO, VDD_SYNTH, VDD_IF, and VDD_MEM. The 1V8 regulator can
supply a maximum of 50 mA.
When enabled, the 1V25 regulator steps down VDD_PADS to 1.25 V. The regulator output
pin (VDD_CORE, (Pin 17) must be decoupled externally with a suitable capacitor. It should
connect to the other VDD_CORE pin (Pin 44). The 1V25 regulator can supply a maximum of
10 mA.
The regulators are controlled by the digital portion of the chip as described in Section 6:
System modules.
Table 12.
1.8 V integrated voltage regulator specifications
Parameter
Min.
Typ.
Max.
Units
Comments
Supply range for regulator
2.1
3.6
V
VDD_PADS
1V8 regulator output
-5%
1.8
+5%
V
Regulator output after
initialization
1V8 regulator output after reset
-5%
1.75
+5%
Regulator output after
reset
1V25 regulator output
-5%
1.25
+5%
V
Regulator output after
initialization
1V25 regulator output after reset
-5%
1.45
+5%
Regulator output after
reset
1V8 regulator capacitor
2.2
µF
Low ESR tantalum
capacitor
ESR greater than 2
Ω
ESR less than 10
Ω
De-coupling less than100
nF ceramic
1V25 regulator capacitor
1.0
µF
Ceramic capacitor (0603)
1V8 regulator output current
050
mA
Regulator output current
1V25 regulator output current
010
mA
Regulator output current
No load current
600
µA
No load current
(bandgap and regulators)
1V8 regulator current limit
200
mA
Short circuit current limit
1V25 regulator current limit
25
mA
Short circuit current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com