Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 98Page - STMicroelectronics STM32W108CB Datasheet HTML 99Page - STMicroelectronics STM32W108CB Datasheet HTML 100Page - STMicroelectronics STM32W108CB Datasheet HTML 101Page - STMicroelectronics STM32W108CB Datasheet HTML 102Page - STMicroelectronics STM32W108CB Datasheet HTML 103Page - STMicroelectronics STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 278 page
background image
General-purpose input/output
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
102/278
Doc ID 16252 Rev 14
8.5.11
GPIO debug configuration register (GPIO_DBGCR)
Address offset: 0xBC00
Reset value:
0x0000 0010
Reserved, must be kept at reset value
DBGDIS: Disable debug interface override of normal GPIO configuration
EXTREGEN: Disable REG_EN override of PA7's normal GPIO configuration
PADDRIVE: Global pad drive strength
Reserved, must be kept at reset value
8.5.12
GPIO debug status register (GPIO_DBGSR)
Address offset: 0xBC04
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DBGDIS
EXTR
EGEN
PAD
DRIVE
Reserved
rw
rw
rw
Bit [31:6]
Bit 5
0: Permits debug interface to be active.
1: Disables debug interface (if it is not already active).
Bit 4
0: Enable override
1: Disable override
Bit 3
0: Disables the pad drive strength
1: Enables the pad drive strength
Bit [2:0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
BOOT
MODE
Reserved
FORCE
DBG
SWEN
rr
r
Bit [31:4] Reserved, must be kept at reset value
Bit 3 BOOTMODE: The state of the nBOOTMODE signal sampled at the end of reset
0: nBOOTMODE was not asserted (it read high)
1: nBOOTMODE was asserted (it read low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com