Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 102Page - STMicroelectronics STM32W108CB Datasheet HTML 103Page - STMicroelectronics STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
106/278
Doc ID 16252 Rev 14
Figure 10.
Serial controller block diagram
9.2
Configuration
Before using a serial controller, it should be configured and initialized as follows:
1.
Set up the parameters specific to the operating mode (master/slave for SPI, baud rate
for UART, etc.).
2.
Configure the GPIO pins used by the serial controller as shown in Table 19 and
Table 20. Section 8.1.2: Configuration on page 89 shows how to configure GPIO
pins."If using DMA, set up the DMA and buffers. This is described fully in Section 9.12:
Serial controller: Direct memory access (DMA) registers on page 140.
3.
If using interrupts, select edge- or level-triggered interrupts with the SCx_ICR register,
enable the desired second-level interrupt sources in the SCx_IER register, and finally
enable the top-level SCx interrupt in the NVIC.
4.
Write the serial interface operating mode - SPI, I2C, or UART - to the SCx_CR register.
SC1_UARTSR
SCx_SPISR
SCx_SPICR
SCx_I2CSR
SCx_I2CCR1
SCx_I2CCR2
SCx_CRR1/SCx_CRR2
SC1_UARTBRR1/SC1_UARTBRR2
Baud Generator
Clock Generator
UART
Controller
I2C Master
Controller
SCx_DR
SPI Master
Controller
UART
SPI
I2C
OFF
SCx_CR
0
1
2
3
nRTS
nCTS
SCLK
MOSI
MISO
SDA
TXD
RXD
RX-FIFO
TX-FIFO
SCx_DMASR
SCx_DMACR
SCx_DMARXERRAR/SCx_DMARXERRBR
DMA
Controller
SCL
SCx_ISR
SCx_IER
SC1_UARTCR
SCx Interrupt
SCx TX DMA
channel
SCx RX DMA
channel
SPI Slave
Controller
nSSEL
SCx_DMARXCNTSAVEDR
SC1
only
SCx_DMATXCNTR
SCx_DMARXCNTAR/
SCx_DMARXCNTBR
SCx_DMARXBEGADDAR/
SCx_DMARXBEGADDBR/
SCx_DMATXBEGADDAR/
SCx_DMATXBEGADDBR
SCx_DMARXENDADDAR/
SCx_DMATXENDADDAR/
SCx_DMARXENDADDBR/
SCx_DMATXENDADDBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com