Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics STM32W108CB Datasheet HTML 113Page - STMicroelectronics STM32W108CB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
110/278
Doc ID 16252 Rev 14
Characters received are stored in the receive FIFO. Receiving characters sets the RXNE bit
in the SCx_SPISR register, indicating that characters can be read from the receive FIFO.
Characters received while the receive FIFO is full are dropped, and the OVF bit in the
SCx_SPISR register is set. The receive FIFO hardware generates the OVR, but the DMA
register will not indicate the error condition until the receive FIFO is drained. Once the DMA
marks a receive error, two conditions will clear the error indication: setting the appropriate
TXRST/RXRST bit in the SCx_DMACR register, or loading the appropriate DMA buffer after
it has unloaded.
To receive a character, you must transmit a character. If a long stream of receive characters
is expected, a long sequence of dummy transmit characters must be generated. To avoid
software or transmit DMA initiating these transfers and consuming unnecessary bandwidth,
the SPI serializer can be instructed to retransmit the last transmitted character or to transmit
a busy token (0xFF), which is determined by the RPTEN bit in the SCx_SPICR register. This
functionality can only be enabled or disabled when the transmit FIFO is empty and the
transmit serializer is idle, indicated by a cleared IDLE bit in the SCx_SPISR register.
Every time an automatic character transmission starts, a transmit underrun is detected as
there is no data in transmit FIFO, and the UDR bit in the SC2_ISR register is set. After
automatic character transmission is disabled, no more new characters are received. The
receive FIFO holds characters just received.
Note:
The Receive DMA complete event does not always mean the receive FIFO is empty.
The DMA Channels section describes how to configure and use the serial receive and
transmit DMA channels.
9.3.3
Interrupts
SPI master controller second level interrupts are generated by the following events:
●
Transmit FIFO empty and last character shifted out (depending on SCx_ICR, either the
0 to 1 transition or the high level of IDLE)
●
Transmit FIFO changed from full to not full (depending on SCx_ICR, either the 0 to 1
transition or the high level of TXE)
●
Receive FIFO changed from empty to not empty (depending on SCx_ICR, either the 0
to 1 transition or the high level of RXNE)
●
Transmit DMA buffer A/B complete (1 to 0 transition of TXAACK/TXBACK)
●
Receive DMA buffer A/B complete (1 to 0 transition of RXAACK/RXBACK)
●
Received and lost character while receive FIFO was full (receive overrun error)
●
Transmitted character while transmit FIFO was empty (transmit underrun error)
To enable CPU interrupts, set the desired interrupt bits in the SCx_IER register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com