Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
108/278
Doc ID 16252 Rev 14
Direction
GPIO
configuration
SC1 pin
SC2 pin
9.3.1
Setup and configuration
Both serial controllers, SC1 and SC2, support SPI master mode. SPI master mode is
enabled by the following register settings:
●
The serial controller mode register (SCx_CR) is ‘2’.
●
The MSTR bit in the SPI configuration register (SCx_SPICR) is ‘1’.
●
The ACK bit in the I2C control register (SCx_I2CCR2) is ‘1’.
The SPI serial clock (SCLK) is produced by a programmable clock generator. The serial
clock is produced by dividing down 12 MHz according to this equation:
Rate
12MHz
LIN
1
+
()x2EXP
-----------------------------------------
=
EXP is the value written to the SCx_CRR2 register and LIN is the value written to the
SCx_CRR1 register. The SPI master mode clock may not exceed 6 Mbps, so EXP and LIN
cannot both be zero.
The SPI master controller supports various frame formats depending upon the clock polarity
(CPOL), clock phase (CPHA), and direction of data (LSBFIRST) (see SPI master mode
formats on page 109). The bits CPOL, CPHA, and LSBFIRST are defined within the
SCx_SPICR register.
Table 21.
SPI master GPIO usage
Parameter
MOSI
MISO
SCLK
Output
Input
Output
Alternate Output
(push-pull)
Input
Alternate Output (push-pull)
Special SCLK mode
PB1
PB2
PB3
PA0
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com