Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics STM32W108CB Datasheet HTML 113Page - STMicroelectronics STM32W108CB Datasheet HTML 114Page - STMicroelectronics STM32W108CB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
111/278
9.4
SPI slave mode
Both SC1 and SC2 SPI controllers include a SPI slave controller with these features:
●
Full duplex operation
●
Up to 5 Mbps data transfer rate
●
Programmable clock polarity and clock phase
●
Selectable data shift direction (either LSB or MSB first)
●
Slave select input
The SPI slave controller uses four signals:
●
MOSI (Master Out, Slave In) - inputs serial data from the master
●
MISO (Master In, Slave Out) - outputs serial data to the master
●
SCLK (Serial Clock) - clocks data transfers on MOSI and MISO
●
nSSEL (Slave Select) - enables serial communication with the slave
The GPIO pins that can be assigned to these signals are shown in Table 23.
Direction
GPIO
configuration
SC1 pin
SC2 pin
9.4.1
Setup and configuration
Both serial controllers, SC1 and SC2, support SPI slave mode. SPI slave mode is enabled
by the following register settings:
●
The serial controller mode register, SCx_CR, is ‘2’.
●
The MSTR bit in the SPI configuration register, SCx_SPICR, is ‘0’.
The SPI slave controller receives its clock from an external SPI master device and supports
rates up to 5 Mbps.
The SPI slave controller supports various frame formats depending upon the clock polarity
(CPOL), clock phase (CPHA), and direction of data (LSBFIRST). The CPOL, CPHA, and
LSBFIRST bits are defined within the SCx_SPICR register.
Table 23.
SPI slave GPIO usage
Parameter
MOSI
MISO
SCLK
nSSEL
Input
Output
Input
Input
Input
Alternate Output
(push-pull)
Input
Input
PB2
PB1
PB3
PB4
PA0
PA1
PA2
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com