Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics STM32W108CB Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
109/278
SCLKout
MOSIout
MISOin
RX[7]
TX[7]
RX[6]
TX[6]
RX[5]
TX[5]
RX[4]
TX[4]
RX[3]
TX[3]
RX[2]
TX[2]
RX[1]
TX[1]
RX[0]
TX[0]
MOSIout
MISOin
RX[7]
TX[7]
RX[6]
TX[6]
RX[5]
TX[5]
RX[4]
TX[4]
RX[3]
TX[3]
RX[2]
TX[2]
RX[1]
TX[1]
RX[0]
TX[0]
SCLKout
MOSIout
MISOin
RX[7]
TX[7]
RX[6]
TX[6]
RX[5]
TX[5]
RX[4]
TX[4]
RX[3]
TX[3]
RX[2]
TX[2]
RX[1]
TX[1]
RX[0]
TX[0]
SCLKout
MOSIout
MISOin
RX[7]
TX[7]
RX[6]
TX[6]
RX[5]
TX[5]
RX[4]
TX[4]
RX[3]
TX[3]
RX[2]
TX[2]
RX[1]
TX[1]
RX[0]
TX[0]
SCLKout
Same as above except data is sent LSB first instead of MSB first.
9.3.2
Operation
Characters transmitted and received by the SPI master controller are buffered in transmit
and receive FIFOs that are both 4 entries deep. When software writes a character to the
SCx_DR register, the character is pushed onto the transmit FIFO. Similarly, when software
reads from the SCx_DR register, the character returned is pulled from the receive FIFO. If
the transmit and receive DMA channels are used, they also write to and read from the
transmit and receive FIFOs.
When the transmit FIFO and the serializer are both empty, writing a character to the transmit
FIFO clears the IDLE bit in the SCx_SPISR register. This indicates that some characters
have not yet been transmitted. If characters are written to the transmit FIFO until it is full, the
TXE bit in the SCx_SPISR register is cleared. Shifting out a character to the MOSI pin sets
the TXE bit in the SCx_SPISR register. When the transmit FIFO empties and the last
character has been shifted out, the IDLE bit in the SCx_SPISR register is set.
Table 22.
SPI master mode formats
SCx_SPICR
Frame formats
MSTR
LSB
FIRST
CPHA CPOL
10
0
0
10
0
1
10
1
0
10
1
1
11
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com