Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 159Page - STMicroelectronics STM32W108CB Datasheet HTML 160Page - STMicroelectronics STM32W108CB Datasheet HTML 161Page - STMicroelectronics STM32W108CB Datasheet HTML 162Page - STMicroelectronics STM32W108CB Datasheet HTML 163Page - STMicroelectronics STM32W108CB Datasheet HTML 164Page - STMicroelectronics STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
163/278
In addition, if the URS bit in the TIMx_CR1 register is set, setting the UG bit generates an
update event, but without setting the UIF flag. Thus no interrupt request is sent. This avoids
generating both update and capture interrupt when clearing the counter on the capture
event.
When an update event occurs, the update flag (the UIF bit in the TIMx_SR register) is set
(depending on the URS bit in the TIMx_CR1 register) and the following registers are
updated:
●
The prescaler shadow register is reloaded with the buffer value (contents of the
TIMx_PSC register).
●
The auto-reload active register is updated with the buffer value (contents of the
TIMx_ARR register). If the update source is a counter overflow, the auto-reload is
updated before the counter is reloaded, so that the next period is the expected one.
The counter is loaded with the new value.
The following figures show some examples of the counter behavior for different clock
frequencies.
Figure 23.
Counter timing diagram, internal clock divided by 1, TIMx_ARR = 0x6
CK_INT
02
CNT_EN
Timer clock = CK_CNT
Counter register
Update interrupt flag (UIF)
Counter underflow
Update event (UEV)
03 04 05 06 05 04 03
03 02 01 00 01
04
Counter overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com