Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 163Page - STMicroelectronics STM32W108CB Datasheet HTML 164Page - STMicroelectronics STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
167/278
External clock source mode 2
This mode is selected by writing ECE = 1 in the TIMx_SMCR register. The counter can
count at each rising or falling edge on the external trigger input ETR.
The EXTRIGSEL bits in the TIMx_OR register select a clock signal that drives ETR, as
shown in Table 33.
00
PCLK (peripheral clock). When running from the 24 MHz HSE OSC, the
PCLK frequency is 12 MHz. When the 12 MHz HSI RC oscillator is in use,
the frequency is 6 MHz.
01
Calibrated 1 kHz internal RC oscillator
10
Optional 32 kHz HSE OSC
11
TIMxCLK pin. If the CLKMSKEN bit in the TIMx_OR register is set, this
signal is AND'ed with the TIMxMSK pin providing a gated clock input.
Figure 29 gives an overview of the external trigger input block.
Figure 29.
External trigger input block
For example, to configure the up-counter to count each 2 rising edges on ETR, use the
following procedure:
●
As no filter is needed in this example, write ETF = 0000 in the TIMx_SMCR register.
●
Set the prescaler by writing ETPS = 01 in the TIMx_SMCR register.
●
Select rising edge detection on ETR by writing ETP = 0 in the TIMx_SMCR register.
●
Enable external clock mode 2 by writing ECE = 1 in the TIMx_SMCR register.
●
Enable the counter by writing CEN = 1 in the TIMx_CR1 register.
The counter counts once each 2 ETR rising edges.
The delay between the rising edge on ETR and the actual clock of the counter is due to the
resynchronization circuit on the ETRP signal.
Table 33.
EXTRIGSEL clock signal selection
EXTRIGSEL bits
Clock signal selection
ETR
0
1
TIMx_SMCR
divider
/1, /2, /4, /8
ETRP
filter
downcounter
CK_INT
TIMx_SMCR
TIMx_SMCR
CK_INT
Encoder
mode
External clock
mode 1
External clock
mode 2
Internal clock
mode
ETRF
TRGI
TI1F
TI2F
or
or
or
(Internal clock)
CK_PSC
TIMx_SMCR
SMS[2:0]
ETR
ECE
ETF[3:0]
ETPS[1:0]
ETP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com