Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics STM32W108CB Datasheet HTML 172Page - STMicroelectronics STM32W108CB Datasheet HTML 173Page - STMicroelectronics STM32W108CB Datasheet HTML 174Page - STMicroelectronics STM32W108CB Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
171/278
10.1.6
PWM input mode
This mode is a particular case of input capture mode. The procedure is the same except:
●
Two ICy signals are mapped on the same TIy input.
●
These two ICy signals are active on edges with opposite polarity.
●
One of the two TIyFP signals is selected as trigger input and the slave mode controller
is configured in reset mode.
For example, to measure the period in the TIMx_CCR1 register and the duty cycle in the
TIMx_CCR2 register of the PWM applied on TI1, use the following procedure depending on
CK_INT frequency and prescaler value:
●
Select the active input for TIMx_CCR1: write the CC1S bits to 01 in the TIMx_CCMR1
register (TI1 selected).
●
Select the active polarity for TI1FP1, used both for capture in the TIMx_CCR1 and
counter clear, by writing the CC1P bit to 0 (active on rising edge).
●
Select the active input for TIMx_CCR2 by writing the CC2S bits to 10 in the
TIMx_CCMR1 register (TI1 selected).
●
Select the active polarity for TI1FP2 (used for capture in the TIMx_CCR2) by writing the
CC2P bit to 1 (active on falling edge).
●
Select the valid trigger input by writing the TS bits to 101 in the TIMx_SMCR register
(TI1FP1 selected).
●
Configure the slave mode controller in reset mode by writing the SMS bits to 100 in the
TIMx_SMCR register.
●
Enable the captures by writing the CC1E and CC2E bits to 1 in the TIMx_CCER
register.
Figure 34.
PWM input mode timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com