Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 165Page - STMicroelectronics STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics STM32W108CB Datasheet HTML 172Page - STMicroelectronics STM32W108CB Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
169/278
Figure 32.
Capture/compare channel 1 main circuit
Figure 33.
Output stage of capture/compare channel (channel 1)
The capture/compare block is made of a buffer register and a shadow register. Writes and
reads always access the buffer register.
In capture mode, captures are first written to the shadow register, then copied into the buffer
register.
In compare mode, the content of the buffer register is copied into the shadow register which
is compared to the counter.
CC1E
Capture/Compare Shadow Register
Comparator
Capture/Compare Buffer Register
Counter
IC1PSC[1:0]
CC1S
CC1S
Capture
Input
mode
S
R
Read CCR1[31:16]
Read CCR1[15:0]
Read_in_progress
Capture_transfer
CC1S
CC1S
S
R
Write CCR1[31:16]
Write CCR1[15:0]
Write_in_progress
Output
mode
UEV
OC1PE
(From time
Compare_transfer
APB Bus
8
8
MCU-peripheral interface
TIMx_CCMR1
OC1PE
base unit)
TIMx_CNT>TIMx_CCR1
TIMx_EGR
CC1G
TIMx_CNT=TIMx_CCR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com