Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 166Page - STMicroelectronics STM32W108CB Datasheet HTML 167Page - STMicroelectronics STM32W108CB Datasheet HTML 168Page - STMicroelectronics STM32W108CB Datasheet HTML 169Page - STMicroelectronics STM32W108CB Datasheet HTML 170Page - STMicroelectronics STM32W108CB Datasheet HTML 171Page - STMicroelectronics STM32W108CB Datasheet HTML 172Page - STMicroelectronics STM32W108CB Datasheet HTML 173Page - STMicroelectronics STM32W108CB Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
170/278
Doc ID 16252 Rev 14
10.1.5
Input capture mode
In input capture mode, a capture/compare register (TIMx_CCRy) latches the value of the
counter after a transition is detected by the corresponding ICy signal. When a capture
occurs, the corresponding CCyIF flag in the TIMx_SR register is set, and an interrupt
request is sent if enabled.
If a capture occurs when the CCyIF flag is already high, then the missed capture flag CCyIM
in the TIMx_MISSR register is set. CCyIF can be cleared by software writing a 1 to its bit or
reading the captured data stored in the TIMx_CCRy register. To clear the CCyIF bit, write a
1 to it.
The following example shows how to capture the counter value in the TIMx_CCR1 when the
TI1 input rises.
●
Select the active input: TIMx_CCR1 must be linked to the TI1 input, so write the CC1S
bits to 01 in the TIMx_CCMR1 register. As soon as CC1S becomes different from 00,
the channel is configured in input and the TIMx_CCR1 register becomes read-only.
●
Program the required input filter duration with respect to the signal connected to the
timer, when the input is one of the TIy (ICyF bits in the TIMx_CCMR1 register).
Consider a situation in which, when toggling, the input signal is unstable during at most
5 internal clock cycles. The filter duration must be longer than these 5 clock cycles. The
transition on TI1 can be validated when 8 consecutive samples with the new level have
been detected (sampled at PCLK frequency). To do this, write the IC1F bits to 0011 in
the TIMx_CCMR1 register.
●
Select the edge of the active transition on the TI1 channel by writing the CC1P bit to 0
in the TIMx_CCER register (rising edge in this case).
●
Program the input prescaler: In this example, the capture is to be performed at each
valid transition, so the prescaler is disabled (write the IC1PSC bits to 00 in the
TIMx_CCMR1 register).
●
Enable capture from the counter into the capture register by setting the CC1E bit in the
TIMx_CCER register.
●
If needed, enable the related interrupt request by setting the CC1IE bit in the TIMx_IER
register.
●
When an input capture occurs:
–
The TIMx_CCR1 register gets the value of the counter on the active transition.
–CC1IF flag is set (capture/compare interrupt flag). The missed capture/compare
flag CC1IM in TIMx_MISSR is also set if another capture occurs before the CC1IF
flag is cleared.
–
An interrupt may be generated if enabled by the CC1IF bit.
To detect missed captures reliably, read captured data in TIMx_CCRy before checking the
missed capture/compare flag. This sequence avoids missing a capture that could happen
after reading the flag and before reading the data.
Note:
Software can generate IC interrupt requests by setting the corresponding CCyG bit in the
TIMx_EGR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com