Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 182Page - STMicroelectronics STM32W108CB Datasheet HTML 183Page - STMicroelectronics STM32W108CB Datasheet HTML 184Page - STMicroelectronics STM32W108CB Datasheet HTML 185Page - STMicroelectronics STM32W108CB Datasheet HTML 186Page - STMicroelectronics STM32W108CB Datasheet HTML 187Page - STMicroelectronics STM32W108CB Datasheet HTML 188Page - STMicroelectronics STM32W108CB Datasheet HTML 189Page - STMicroelectronics STM32W108CB Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
186/278
Doc ID 16252 Rev 14
Using one timer to enable the other timer
In this example, the enable of Timer 2 is controlled with the output compare 1 of Timer 1.
Refer to Figure 45 for connections. Timer 2 counts on the divided internal clock only when
OC1REF of Timer 1 is high. Both counter clock frequencies are divided by 3 by the
prescaler compared to CK_INT (fCK_CNT = fCK_INT /3).
●
Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF)
signal as trigger output (MMS = 100 in the TIM1_CR2 register).
●
Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TS = 000 in the TIM2_SMCR
register).
●
Configure Timer 2 in Gated mode (SMS = 101 in the TIM2_SMCR register).
●
Enable Timer 2 by writing 1 in the CEN bit (TIM2_CR1 register).
●
Start Timer 1 by writing 1 in the CEN bit (TIM1_CR1 register).
Note:
The counter 2 clock is not synchronized with counter 1, this mode only affects the Timer 2
counter enable signal.
Figure 46.
Gating Timer 2 with OC1REF of Timer 1
In the example in Figure 46, the Timer 2 counter and prescaler are not initialized before
being started. So they start counting from their current value. It is possible to start from a
given value by resetting both timers before starting Timer 1, then writing the desired value in
the timer counters. The timers can easily be reset by software using the UG bit in the
TIMx_EGR registers.
TIE
Write TIE=0
FC
FD
FE
FF
00
3045
3047
3048
CK_INT
TIMER1-OC1REF
TIM1-CNT
TIM2-CNT
01
3046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com