Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 181Page - STMicroelectronics STM32W108CB Datasheet HTML 182Page - STMicroelectronics STM32W108CB Datasheet HTML 183Page - STMicroelectronics STM32W108CB Datasheet HTML 184Page - STMicroelectronics STM32W108CB Datasheet HTML 185Page - STMicroelectronics STM32W108CB Datasheet HTML 186Page - STMicroelectronics STM32W108CB Datasheet HTML 187Page - STMicroelectronics STM32W108CB Datasheet HTML 188Page - STMicroelectronics STM32W108CB Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
185/278
10.1.14
Timer synchronization
The two timers can be linked together internally for timer synchronization or chaining. A
timer configured in Master mode can reset, start, stop or clock the counter of the other timer
configured in Slave mode.
Figure 45 presents an overview of the trigger selection and the master mode selection
blocks.
Using one timer as prescaler for the other timer
For example, to configure Timer 1 to act as a prescaler for Timer 2 (see Figure 45):
●
Configure Timer 1 in Master mode so that it outputs a periodic trigger signal on each
update event. Writing MMS = 010 in the TIM1_CR2 register causes a rising edge to be
output on TRGO each time an update event is generated.
●
To connect the TRGO output of Timer 1 to Timer 2, configure Timer 2 in slave mode
using ITR0 as an internal trigger. Select this through the TS bits in the TIM2_SMCR
register (writing TS = 000).
●
Put the slave mode controller in external clock mode 1 (write SMS = 111 in the
TIM2_SMCR register). This causes Timer 2 to be clocked by the rising edge of the
periodic Timer 1 trigger signal (which corresponds to the Timer 1 counter overflow).
●
Finally both timers must be enabled by setting their respective CEN bits (TIMx_CR1
register).
Note:
If OCy is selected on Timer 1 as trigger output (MMS = 1xx), its rising edge is used to clock
the counter of Timer 2.
Figure 45.
Master/slave timer example
TRGO1
UEV
ITR1
Prescaler
Counter
SMS
TS
MMS
TIMER 1
TIMER 2
Master
mode
control
Slave
mode
control
CK_PSC
Prescaler
Counter
Clock
Input
selection
trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com