Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 177Page - STMicroelectronics STM32W108CB Datasheet HTML 178Page - STMicroelectronics STM32W108CB Datasheet HTML 179Page - STMicroelectronics STM32W108CB Datasheet HTML 180Page - STMicroelectronics STM32W108CB Datasheet HTML 181Page - STMicroelectronics STM32W108CB Datasheet HTML 182Page - STMicroelectronics STM32W108CB Datasheet HTML 183Page - STMicroelectronics STM32W108CB Datasheet HTML 184Page - STMicroelectronics STM32W108CB Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
181/278
10.1.13
Timers and external trigger synchronization
The timers can be synchronized with an external trigger in several modes: Reset mode,
Gated mode, and Trigger mode.
Slave mode: Reset mode
Reset mode reinitializes the counter and its prescaler in response to an event on a trigger
input. Moreover, if the URS bit in the TIMx_CR1 register is low, an update event is
generated. Then all the buffered registers (TIMx_ARR, TIMx_CCRy) are updated.
In the following example, the up-counter is cleared in response to a rising edge on the TI1
input:
●
Configure the channel 1 to detect rising edges on TI1: Configure the input filter
duration. In this example, no filter is required so IC1F = 0000. The capture prescaler is
not used for triggering, so it is not configured. The CC1S bits select the input capture
source only, CC1S = 01 in the TIMx_CCMR1 register. Write CC1P = 0 in the
TIMx_CCER register to validate the polarity, and detect rising edges only.
●
Configure the timer in Reset mode by writing SMS = 100 in the TIMx_SMCR register.
Select TI1 as the input source by writing TS = 101 in the TIMx_SMCR register.
●
Start the counter by writing CEN = 1 in the TIMx_CR1 register.
The counter starts counting on the internal clock, then behaves normally until the TI1 rising
edge. When TI1 rises, the counter is cleared and restarts from 0. In the meantime, the
trigger flag is set (the TIE bit in the TIMx_SR register) and an interrupt request can be sent if
enabled (depending on the TIE bit in the TIMx_IER register).
Figure 41 shows this behavior when the auto-reload register TIMx_ARR = 0x36. The delay
between the rising edge on TI1 and the actual reset of the counter is due to the
resynchronization circuit on the TI1 input.
Figure 41.
Control circuit in Reset mode
00
Counter clock = CK_CNT = CK_PSC
Counter register
01 02 03 00 01 02 03
32 33 34 35 36
UG
TI1
31
30
TIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com