Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 174Page - STMicroelectronics STM32W108CB Datasheet HTML 175Page - STMicroelectronics STM32W108CB Datasheet HTML 176Page - STMicroelectronics STM32W108CB Datasheet HTML 177Page - STMicroelectronics STM32W108CB Datasheet HTML 178Page - STMicroelectronics STM32W108CB Datasheet HTML 179Page - STMicroelectronics STM32W108CB Datasheet HTML 180Page - STMicroelectronics STM32W108CB Datasheet HTML 181Page - STMicroelectronics STM32W108CB Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
178/278
Doc ID 16252 Rev 14
A special case: OCy fast enable
In one-pulse mode, the edge detection on the TIy input sets the CEN bit, which enables the
counter. Then the comparison between the counter and the compare value toggles the
output. However, several clock cycles are needed for this operation, and it limits the
minimum delay (tDELAY min) achievable.
To output a waveform with the minimum delay, set the OCyFE bit in the TIMx_CCMR1
register. Then OCyREF (and OCy) is forced in response to the stimulus, without taking the
comparison into account. Its new level is the same as if a compare match had occurred.
OCyFE acts only if the channel is configured in PWM mode 1 or 2.
10.1.11
Encoder interface mode
To select encoder interface mode, write SMS = 001 in the TIMx_SMCR register to count
only TI2 edges, SMS = 010 to count only TI1 edges, and SMS = 011 to count both TI1 and
TI2 edges.
Select the TI1 and TI2 polarity by programming the CC1P and CC2P bits in the TIMx_CCER
register. If needed, program the input filter as well.
The two inputs TI1 and TI2 are used to interface to an incremental encoder (see Table 34).
Assuming that it is enabled, (the CEN bit in the TIMx_CR1 register written to 1) the counter
is clocked by each valid transition on TI1FP1 or TI2FP2 (TI1 and TI2 after input filter and
polarity selection, TI1FP1 = TI1 if not filtered and not inverted, TI2FP2 = TI2 if not filtered
and not inverted.) The sequence of transitions of the two inputs is evaluated, and generates
count pulses as well as the direction signal. Depending on the sequence, the counter counts
up or down, and hardware modifies the DIR bit in the TIMx_CR1 register accordingly. The
DIR bit is calculated at each transition on any input (TI1 or TI2), whether the counter is
counting on TI1 only, TI2 only, or both TI1 and TI2.
Encoder interface mode acts simply as an external clock with direction selection. This
means that the counter just counts continuously between 0 and the auto-reload value in the
TIMx_ARR register (0 to TIMx_ARR or TIMx_ARR down to 0 depending on the direction),
so TIMx_ARR must be configured before starting. In the same way, the capture, compare,
prescaler, and trigger output features continue to work as normal.
In this mode the counter is modified automatically following the speed and the direction of
the incremental encoder, and therefore its contents always represent the encoder's position.
The count direction corresponds to the rotation direction of the connected sensor. Table 34
summarizes the possible combinations, assuming TI1 and TI2 do not switch at the same
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com