Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 173Page - STMicroelectronics STM32W108CB Datasheet HTML 174Page - STMicroelectronics STM32W108CB Datasheet HTML 175Page - STMicroelectronics STM32W108CB Datasheet HTML 176Page - STMicroelectronics STM32W108CB Datasheet HTML 177Page - STMicroelectronics STM32W108CB Datasheet HTML 178Page - STMicroelectronics STM32W108CB Datasheet HTML 179Page - STMicroelectronics STM32W108CB Datasheet HTML 180Page - STMicroelectronics STM32W108CB Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
177/278
Figure 38.
Example of one pulse mode
For example, to generate a positive pulse on OC1 with a length of tPULSE and after a delay
of tDELAY as soon as a rising edge is detected on the TI2 input pin, using TI2FP2 as trigger
1:
●
Map TI2FP2 on TI2 by writing IC2S = 01 in the TIMx_CCMR1 register.
●
TI2FP2 must detect a rising edge. Write CC2P = 0 in the TIMx_CCER register.
●
Configure TI2FP2 as trigger for the slave mode controller (TRGI) by writing TS = 110 in
the TIMx_SMCR register.
●
TI2FP2 is used to start the counter by writing SMS to 110 in the TIMx_SMCR register
(trigger mode).
●
The OPM waveform is defined: Write the compare registers, taking into account the
clock frequency and the counter prescaler.
The tDELAY is defined by the value written in the TIMx_CCR1 register.
The tPULSE is defined by the difference between the auto-reload value and the compare
value (TIMx_ARR - TIMx_CCR1).
To build a waveform with a transition from 0 to 1 when a compare match occurs and a
transition from 1 to 0 when the counter reaches the auto-reload value, enable PWM mode 2
by writing OC1M = 111 in the TIMx_CCMR1 register. Optionally, enable the buffer registers
by writing OC1PE = 1 in the TIMx_CCMR1 register and ARPE in the TIMx_CR1 register. In
this case, also write the compare value in the TIMx_CCR1 register, the auto-reload value in
the TIMx_ARR register, generate an update by setting the UG bit, and wait for external
trigger event on TI2. CC1P is written to 0 in this example.
In the example, the DIR and CMS bits in the TIMx_CR1 register should be low.
Since only one pulse is desired, software should set the OPM bit in the TIMx_CR1 register
to stop the counter at the next update event (when the counter rolls over from the auto-
reload value back to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com