Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 189Page - STMicroelectronics STM32W108CB Datasheet HTML 190Page - STMicroelectronics STM32W108CB Datasheet HTML 191Page - STMicroelectronics STM32W108CB Datasheet HTML 192Page - STMicroelectronics STM32W108CB Datasheet HTML 193Page - STMicroelectronics STM32W108CB Datasheet HTML 194Page - STMicroelectronics STM32W108CB Datasheet HTML 195Page - STMicroelectronics STM32W108CB Datasheet HTML 196Page - STMicroelectronics STM32W108CB Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
193/278
10.3.2
Timer x interrupt missed register (TIMx_MISSR)
Address offset: 0xA818 (TIM1) and 0xA81C (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CC4IM: Capture or compare 4 interrupt missed
CC3IM: Capture or compare 3 interrupt missed
CC2IM: Capture or compare 2 interrupt missed
CC1IM: Capture or compare 1 interrupt missed
Reserved, must be kept at reset value
RSVD[6:0]: May change during normal operation
10.3.3
Timer x interrupt enable register (TIMx_IER)
Address offset: 0xA840 (TIM1) and 0xA844 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
TIE: Trigger interrupt enable
CC4IE: Capture or compare 4 interrupt enable
CC3IE: Capture or compare 3 interrupt enable
CC2IE: Capture or compare 2 interrupt enable
CC1IE: Capture or compare 1 interrupt enable
UIE: Update interrupt enable
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CC4IM CC3IM CC2IM
CC1IM
Reserved
RSVD[6:0]
rw
rw
rw
rw
r
r
r
r
r
r
r
Bits [31:13]
Bit 12
Bit 11
Bit 10
Bit 9
Bits [8:7]
Bits [6:0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TIE
Reserved
CC4IE
CC3IE
CC2IE
CC1IE
UIE
rw
rw
rw
rw
rw
rw
Bits [31:7]
Bit 6
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com