Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 190Page - STMicroelectronics STM32W108CB Datasheet HTML 191Page - STMicroelectronics STM32W108CB Datasheet HTML 192Page - STMicroelectronics STM32W108CB Datasheet HTML 193Page - STMicroelectronics STM32W108CB Datasheet HTML 194Page - STMicroelectronics STM32W108CB Datasheet HTML 195Page - STMicroelectronics STM32W108CB Datasheet HTML 196Page - STMicroelectronics STM32W108CB Datasheet HTML 197Page - STMicroelectronics STM32W108CB Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
194/278
Doc ID 16252 Rev 14
10.3.4
Timer x control register 1 (TIMx_CR1)
Address offset: 0xE000 (TIM1) and 0xF000 (TIM2)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ARPE
CMS[1:0]
DIR
OPM
URS
UDIS
CEN
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:8] Reserved, must be kept at reset value
Bit 7 ARPE: Auto-Reload Preload Enable
0: TIMx_ARR register is not buffered
1: TIMx_ARR register is buffered
Bits [6:5] CMS[1:0]: Center-aligned Mode Selection
00: Edge-aligned mode. The counter counts up or down depending on the direction bit (DIR).
01: Center-aligned mode 1. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (CCyS=00 in TIMx_CCMRy
register) are set only when the counter is counting down.
10: Center-aligned mode 2. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (CCyS=00 in TIMx_CCMRy
register) are set only when the counter is counting up.
11: Center-aligned mode 3. The counter counts up and down alternatively.
Output compare interrupt flags of configured output channels (CCyS=00 in TIMx_CCMRy
register) are set both when the counter is counting up or down.
Note: Software may not switch from edge-aligned mode to center-aligned mode when the
counter is enabled (CEN=1).
Bit 4 DIR: Direction
0: Counter used as up-counter
1: Counter used as down-counter
Bit 3 OPM: One Pulse Mode
0: Counter does not stop counting at the next update event.
1: Counter stops counting at the next update event (and clears the bit CEN).
Bit 2 URS: Update Request Source
0: When enabled, update interrupt requests are sent as soon as registers are updated
(counter overflow/underflow, setting the UG bit, or update generation through the slave mode
controller).
1: When enabled, update interrupt requests are sent only when the counter reaches overflow
or underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com