Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 196Page - STMicroelectronics STM32W108CB Datasheet HTML 197Page - STMicroelectronics STM32W108CB Datasheet HTML 198Page - STMicroelectronics STM32W108CB Datasheet HTML 199Page - STMicroelectronics STM32W108CB Datasheet HTML 200Page - STMicroelectronics STM32W108CB Datasheet HTML 201Page - STMicroelectronics STM32W108CB Datasheet HTML 202Page - STMicroelectronics STM32W108CB Datasheet HTML 203Page - STMicroelectronics STM32W108CB Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
200/278
Doc ID 16252 Rev 14
10.3.7
Timer x event generation register (TIMx_EGR)
Address offset: 0xE014 (TIM1) and 0xF014 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
TG: Trigger Generation
Reserved, must be kept at reset value
CC4G: Capture/Compare 4 Generation
CC3G: Capture/Compare 3 Generation
CC2G: Capture/Compare 2 Generation
CC1G: Capture/Compare 1 Generation
UG: Update Generation
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TG
Reserved
CC4G
CC3G
CC2G
CC1G
UG
ww
w
w
w
w
Bits [31:7]
Bit 6
0: Does nothing
1: Sets the TIM_TIF flag in the TIMx_SR register
Bit 5
Bit 4
0: Does nothing
1: If CC4 configured as output channel, the CC4IF flag is set. If CC4 configured as input
channel, the CC4IF flag is set. The CC4IM flag is set if the CC4IF flag was already high. The
current value of the counter is captured in TIMx_CCR4 register.
Bit 3
0: Does nothing
1: If CC3 configured as output channel, the CC3IF flag is set. If CC3 configured as input
channel, the CC3IF flag is set. The CC3IM flag is set if the CC3IF flag was already high. The
current value of the counter is captured in TIMx_CCR3 register.
Bit 2
0: Does nothing
1: If CC2 configured as output channel, the CC2IF flag is set. If CC2 configured as input
channel, the CC2IF flag is set. The CC2IM flag is set if the CC2IF flag was already high. The
current value of the counter is captured in TIMx_CCR2 register.
Bit 1
0: Does nothing
1: If CC1 configured as output channel, the CC1IF flag is set. If CC1 configured as input
channel, the CC1IF flag is set. The CC1IM flag is set if the CC1IF flag was already high. The
current value of the counter is captured in TIMx_CCR1 register.
Bit 0
0: Does nothing
1: Re-initializes the counter and generates an update of the registers. This also clears the
prescaler counter but the prescaler ratio is not affected. The counter is cleared if center-
aligned mode is selected or if DIR=0 (up-counting), otherwise it takes the auto-reload value
(TIM1_ARR) if DIR=1 (down-counting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com