Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 199Page - STMicroelectronics STM32W108CB Datasheet HTML 200Page - STMicroelectronics STM32W108CB Datasheet HTML 201Page - STMicroelectronics STM32W108CB Datasheet HTML 202Page - STMicroelectronics STM32W108CB Datasheet HTML 203Page - STMicroelectronics STM32W108CB Datasheet HTML 204Page - STMicroelectronics STM32W108CB Datasheet HTML 205Page - STMicroelectronics STM32W108CB Datasheet HTML 206Page - STMicroelectronics STM32W108CB Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
203/278
Input capture mode
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IC2F[3:0]
IC2PSC[1:0]
CC2S[1:0]
IC1F[3:0]
IC1PSC[1:0]
CC1S[1:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16] Reserved, must be kept at reset value
Bits [15:12] IC2F[3:0]: Input Capture 1 Filter
This defines the frequency used to sample the TI2 input, Fsampling, and the length of the
digital filter applied to TI2. The digital filter requires N consecutive samples in the same state
before being output.
0000: Fsampling=PCLK, no filtering
0001: Fsampling=PCLK, N=2
0010: Fsampling=PCLK, N=4
0011: Fsampling=PCLK, N=8
0100: Fsampling=PCLK/2, N=6
0101: Fsampling=PCLK/2, N=8
0110: Fsampling=PCLK/4, N=6
0111: Fsampling=PCLK/4, N=8
1000: Fsampling=PCLK/8, N=6
1001: Fsampling=PCLK/8, N=8
1010: Fsampling=PCLK/16, N=5
1011: Fsampling=PCLK/16, N=6
1100: Fsampling=PCLK/16, N=8
1101: Fsampling=PCLK/32, N=5
1110: Fsampling=PCLK/32, N=6
1111: Fsampling=PCLK/32, N=8
Note: PCLK is 12 MHz when using the 24 MHz HSE OSC, and 6 MHz using the
12 MHz HSI RC oscillator.
Bits [11:10] IC2PSC[1:0]: Input Capture 1 Prescaler
00: No prescaling, capture each time an edge is detected on the capture input
01: Capture once every 2 events
10: Capture once every 4 events
11: Capture once every 6 events
Bits [9:8] CC2S[1:0]: Capture / Compare 1 Selection
This configures the channel as an output or an input. If an input, it selects the input source.
00: Channel is an output
01: Channel is an input and is mapped to TI2
10: Channel is an input and is mapped to TI1
11: Channel is an input and is mapped to TRGI. This mode requires an internal trigger input
selected by the TS bit in the TIMx_SMCR register.
Note: CC2S may be written only when the channel is off (CC2E = 0 in the TIMx_CCER
register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com