Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 205Page - STMicroelectronics STM32W108CB Datasheet HTML 206Page - STMicroelectronics STM32W108CB Datasheet HTML 207Page - STMicroelectronics STM32W108CB Datasheet HTML 208Page - STMicroelectronics STM32W108CB Datasheet HTML 209Page - STMicroelectronics STM32W108CB Datasheet HTML 210Page - STMicroelectronics STM32W108CB Datasheet HTML 211Page - STMicroelectronics STM32W108CB Datasheet HTML 212Page - STMicroelectronics STM32W108CB Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
209/278
10.3.10
Timer x capture/compare enable register (TIMx_CCER)
Address offset: 0xE020 (TIM1) and 0xF020 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CC4P: Capture/Compare 4 output Polarity
CC4E: Capture/Compare 4 output Enable
Reserved, must be kept at reset value
CC3P: Refer to the CC4P description above
CC3E: Refer to the CC4E description above
Reserved, must be kept at reset value
CC2P: Refer to the CC4P description above
CC2E: Refer to the CC4E description above
Reserved, must be kept at reset value
CC1P: Refer to the CC4P description above
CC1E: Refer to the CC4E description above
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
CC4P
CC4E
Reserved
CC3P
CC3E
Reserved
CC2P
CC2E
Reserved
CC1P
CC1E
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:14]
Bit 13
If CC4 is configured as an output channel:
0: OC4 is active high
1: OC4 is active low.
If CC4 configured as an input channel:
0: IC4 is not inverted. Capture occurs on a rising edge of IC4. When used as an external
trigger, IC4 is not inverted.
0: IC4 is inverted. Capture occurs on a falling edge of IC4. When used as an external trigger,
IC4 is inverted.
1: Capture is enabled
Bit 12
If CC4 is configured as an output channel:
0: OC4 is disabled
1: OC4 is enabled
If CC4 configured as an input channel:
0: Capture is disabled
1: Capture is enabled
Bits [11:10]
Bit 9
Bit 8
Bits [7:6]
Bit 5
Bit 4
Bits [3:2]
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com