Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 207Page - STMicroelectronics STM32W108CB Datasheet HTML 208Page - STMicroelectronics STM32W108CB Datasheet HTML 209Page - STMicroelectronics STM32W108CB Datasheet HTML 210Page - STMicroelectronics STM32W108CB Datasheet HTML 211Page - STMicroelectronics STM32W108CB Datasheet HTML 212Page - STMicroelectronics STM32W108CB Datasheet HTML 213Page - STMicroelectronics STM32W108CB Datasheet HTML 214Page - STMicroelectronics STM32W108CB Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
211/278
10.3.13
Timer x auto-reload register (TIMx_ARR)
Address offset: 0xE02C (TIM1) and 0xF02C (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
ARR[15:0]: Auto-reload value
10.3.14
Timer x capture/compare 1 register (TIMx_CCR1)
Address offset: 0xE034 (TIM1) and 0xF034 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
CCR[15:0]: Capture/compare value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ARR[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
ARR[15:0] is the value to be loaded in the shadow auto-reload register.
The auto-reload register is buffered. Writing or reading the auto-reload register accesses the
buffer register. The content of the buffer register is transfered in the shadow register
permanently or at each update event UEV, depending on the auto-reload buffer enable bit
(ARPE) in TIMx_CR1 register. The update event is sent when the counter reaches the
overflow point (or underflow point when down-counting) and if the UDIS bit equals 0 in the
TIMx_CR1 register. It can also be generated by software. The counter is blocked while the
auto-reload value is 0.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CCR[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
If the CC1 channel is configured as an output (CC1S = 0):
CCR1 is the buffer value to be loaded in the actual capture/compare 1 register. It is loaded
permanently if the preload feature is not selected in the TIM1_CCMR1 register (bit OC1PE).
Otherwise the buffer value is copied to the shadow capture/compare 1 register when an
update event occurs. The active capture/compare register contains the value to be compared
to the counter TIM1_CNT and signaled on the OC1 output. If the CC1 channel is configured
as an input (CC1S is not 0): CCR1 is the counter value transferred by the last input capture 1
event (IC1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com